Electronic Components Datasheet Search
  English  ▼

X  

ISL34321 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL34321
Description  16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL34321 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL34321 Datasheet HTML 5Page - Renesas Technology Corp ISL34321 Datasheet HTML 6Page - Renesas Technology Corp ISL34321 Datasheet HTML 7Page - Renesas Technology Corp ISL34321 Datasheet HTML 8Page - Renesas Technology Corp ISL34321 Datasheet HTML 9Page - Renesas Technology Corp ISL34321 Datasheet HTML 10Page - Renesas Technology Corp ISL34321 Datasheet HTML 11Page - Renesas Technology Corp ISL34321 Datasheet HTML 12Page - Renesas Technology Corp ISL34321 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ISL34321
FN6870 Rev 1.00
Page 13 of 13
Jul 15, 2010
Package Outline Drawing
Q48.7x7B
48 LEAD THIN PLASTIC QUAD FLATPACK EXPOSED PAD PACKAGE
Rev 2, 7/10
BOTTOM VIEW
DETAIL "A"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
0.20 MIN.
(1.00)
0.09/0.20
0.17/0.23
BASE METAL
0.09/0.16
7
0.17/0.27
11/13°
WITH LEAD FINISH
0.08
C
MA-B D
0.05/0.15
SEE DETAIL "A"
C
0.08
1.20 MAX
1.00 ±0.05
GAUGE
0.60 ±0.15
0-7°
0.25
0° MIN.
0.50
3
A
5
4
D 3
9.0±0.20
4
5
EXPOSED PAD
4.00±0.1
2
(10.00)
(4.00)
(0.28) TYP
(4.00)
(1.50) TYP
4.00±0.1
(10.00)
3
B
9.0±0.20
7.0±0.10
7.0±0.10
PLANE
NOTES:
MS-026, variation ABC-HD.
8. Controlling dimension: millimeter.
This outline conforms to JEDEC publication 95 registration
condition. Dambar cannot be located on the lower radius or
dambar protrusion shall be 0.08mm total at maximum material
Dimension does not include dambar protrusion. Allowable
6. Package top dimensions are smaller than bottom dimensions
and top of package will not overhang bottom of package.
1. All dimensioning and tolerancing conform to ANSI Y14.5-1982.
2. Datum plane H located at mold parting line and coincident
with lead, where lead exits plastic body at bottom of parting line.
3. Datums A-B and D to be determined at centerline between
leads where leads exit plastic body at datum plane H.
4. Dimensions do not include mold protrusion. Allowable mold
protrusion is 0.254mm on D1 and E1 dimensions.
9.
7.
5. These dimensions to be determined at datum plane H.
10. Dimensions in ( ) are for reference only.
the foot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com