Electronic Components Datasheet Search
  English  ▼

X  

ISL54005 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL54005
Description  Integrated Audio Amplifier Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54005 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL54005 Datasheet HTML 1Page - Renesas Technology Corp ISL54005 Datasheet HTML 2Page - Renesas Technology Corp ISL54005 Datasheet HTML 3Page - Renesas Technology Corp ISL54005 Datasheet HTML 4Page - Renesas Technology Corp ISL54005 Datasheet HTML 5Page - Renesas Technology Corp ISL54005 Datasheet HTML 6Page - Renesas Technology Corp ISL54005 Datasheet HTML 7Page - Renesas Technology Corp ISL54005 Datasheet HTML 8Page - Renesas Technology Corp ISL54005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL54003, ISL54005, ISL54006
FN6514 Rev 2.00
Page 2 of 16
October 30, 2007
Pinouts
ISL54003
(20 LD 4X4 TQFN)
TOP VIEW
ISL54005
(20 LD 4X4 TQFN)
TOP VIEW
ISL54006
(20 LD 4X4 TQFN)
TOP VIEW
SPK-
VDD
GND
SPK+
HpR
HO
NC
VDD
SD
INL
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
SPK-
VDD
GND
SPK+
HpR
HO
IN2L
VDD
SD
IN1L
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
SPK-
VDD
GND
SPK+
HpR
HO
IN2L
VDD
SD
IN1L
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
Pin Descriptions
PIN
NAME
FUNCTION
ISL54003 ISL54005 ISL54006
3, 6, 12
3, 6, 12
3, 6, 12
VDD System Power Supply
4, 9, 20
4, 9, 20
4, 9, 20
GND
Ground Connection
11
INL
Left Channel Audio
Input 1
11
11
IN1L Left Channel Audio
Input 1
-13
13
IN2L Left Channel Audio
Input 2
17
INR
Right Channel Audio
Input 1
17
17
IN1R Right Channel Audio
Input 1
-19
19
IN2R Right Channel Audio
Input 2
5
5
5
HpR
Headphone Right
Ouput
7
7
7
HpL
Headphone Left
Ouput
2
2
2
SPK+ Positive Speaker
Output
1
1
1
SPK- Negative Speaker
Output
14
14
14
SD
Shutdown, High to
disable amplifiers,
Low for normal
operation.
8
8
8
HD
Headphone
Detection, Internally
pulled up to VDD, Low
in Mono Mode, High in
Headphone Mode if
HO = Low
15
15
15
HO
Headphone Override,
High in Mono Mode,
Low in Headphone
Mode if HD = High
-
18
18
INS
Input Select
-
-
16
MIX
Mixer, High to mix
Right and Left Audio
Inputs, Low to pass
Audio Inputs without
mixing
10
10
10
REF
Common-mode Bias
Voltage, Bypass with
a 1µF capacitor to
GND.
13, 16,
18, 19
16
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com