Electronic Components Datasheet Search
  English  ▼

X  

ISL54049 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL54049
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54049 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL54049 Datasheet HTML 1Page - Renesas Technology Corp ISL54049 Datasheet HTML 2Page - Renesas Technology Corp ISL54049 Datasheet HTML 3Page - Renesas Technology Corp ISL54049 Datasheet HTML 4Page - Renesas Technology Corp ISL54049 Datasheet HTML 5Page - Renesas Technology Corp ISL54049 Datasheet HTML 6Page - Renesas Technology Corp ISL54049 Datasheet HTML 7Page - Renesas Technology Corp ISL54049 Datasheet HTML 8Page - Renesas Technology Corp ISL54049 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL54048, ISL54049
FN6469 Rev 1.00
Page 2 of 12
June 11, 2007
Pinouts (Note 1)
ISL54048
(10 LD
TQFN)
TOP VIEW
ISL54049
(10 LD
TQFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
V+
NO1
COM1
IN1
N.C.
NO2
COM2
IN2
N.C.
GND
1
2
3
4
5
10
9
8
7
6
V+
N.C.
COM1
IN1
NC1
N.C.
COM2
IN2
NC2
GND
1
2
3
4
5
10
9
8
7
6
Truth Table
LOGIC
ISL54048
ISL54049
0OFF
ON
1ON
OFF
NOTE: Logic “0”
0.5V. Logic “1” 1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +4.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com