Electronic Components Datasheet Search
  English  ▼

X  

APD240 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APD240
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD240 Datasheet(HTML) 2 Page - Diodes Incorporated

  APD240 Datasheet HTML 1Page - Diodes Incorporated APD240 Datasheet HTML 2Page - Diodes Incorporated APD240 Datasheet HTML 3Page - Diodes Incorporated APD240 Datasheet HTML 4Page - Diodes Incorporated APD240 Datasheet HTML 5Page - Diodes Incorporated APD240 Datasheet HTML 6Page - Diodes Incorporated APD240 Datasheet HTML 7Page - Diodes Incorporated APD240 Datasheet HTML 8Page - Diodes Incorporated APD240 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
APD240
Document number: DS36971 Rev. 4 - 2
2 of 11
www.diodes.com
May 2018
© Diodes Incorporated
APD240
Cathode line
by marking
Pin Assignments
(Top View)
(Top View)
DO-15
DO-214AC
(Top View)
SOD-123
Ordering Information
Packing
Package
Product Name
E1/G1
Blank: Bulk
G1 : RoHS Compliant
and Green
TR: Tape & Reel
E1 : RoHS Compliant
APD240 XX XX - XX
VG: DO-15
KD: SOD-123
VR: DO-214AC
Package
Temperature Range
Part Number
Marking ID
Packing
DO-15
-65 to +125°C
APD240VG-E1
D240VG
500/Bulk
DO-214AC
-65 to +125°C
APD240VRTR-G1
240VRG
7500/Tape & Reel
SOD-123
-65 to +125°C
APD240KDTR-G1
G11
3000/Tape & Reel
Cathode line by
marking
Cathode line by
marking
Cathode
Anode
Cathode
Anode
Cathode
Anode
Pb
Green
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com