Electronic Components Datasheet Search
  English  ▼

X  

B290BE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B290BE
Description  2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B290BE Datasheet(HTML) 2 Page - Diodes Incorporated

  B290BE Datasheet HTML 1Page - Diodes Incorporated B290BE Datasheet HTML 2Page - Diodes Incorporated B290BE Datasheet HTML 3Page - Diodes Incorporated B290BE Datasheet HTML 4Page - Diodes Incorporated B290BE Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B270AE-B2100AE/B270BE-B2100BE
Document number: DS39289 Rev. 4 - 2
2 of 5
www.diodes.com
January 2018
© Diodes Incorporated
B270AE
– B2100AE
B270BE
– B2100BE
Marking Information
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B270AE
B270BE
B280AE
B280BE
B290AE
B290BE
B2100AE
B2100BE
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
Average Rectified Output Current
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
SMA
SMB
RθJA
110
100
°C/W
Typical Thermal Resistance Junction to Case (Note 5)
SMA
SMB
RθJC
65
50
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
0.74
0.60
0.79
—
V
IF = 2.0A, TA = +25°C
IF = 2.0A, TA = +125°C
Leakage Current (Note 6)
IR
—
—
—
0.4
7
—
A
mA
@ Rated VR, TA = +25°C
@ Rated VR, TA = +125°C
Typical Capacitance
CT
—
70
—
pF
VR = 4V, f = 1MHz
Notes:
5. Valid provided that terminals are kept at ambient temperature.
6. Short duration pulse test used to minimize self-heating effect.
B2XXAE or B2XXXAE = Product Type Marking Code, ex: B270AE (SMA Package)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 8 for 2018)
WW = Week Code (01 to 53)
SMA
B2XXBE or B2XXXBE = Product Type Marking Code, ex: B270BE (SMB Package)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 8 for 2018)
WW = Week Code (01 to 53)
SMB
YW
W
xxx(x)
B2XXBE
YWW
YWW
B2XXBE
YW
W
xxx(x)
B2XXXAE
YW
W
xxx(x)
B2XXXBE
YWW
YWW
YWW
YWW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com