Electronic Components Datasheet Search
  English  ▼

X  

BCW60 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCW60
Description  NPN Silicon AF Transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW60 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCW60 Datasheet HTML 1Page - Infineon Technologies AG BCW60 Datasheet HTML 2Page - Infineon Technologies AG BCW60 Datasheet HTML 3Page - Infineon Technologies AG BCW60 Datasheet HTML 4Page - Infineon Technologies AG BCW60 Datasheet HTML 5Page - Infineon Technologies AG BCW60 Datasheet HTML 6Page - Infineon Technologies AG BCW60 Datasheet HTML 7Page - Infineon Technologies AG BCW60 Datasheet HTML 8Page - Infineon Technologies AG BCW60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2007-04-20
3
BCW60, BCX70
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BCW60, ...60FF
IC = 10 mA, IB = 0 , BCX70
V(BR)CEO
32
45
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0 , BCW60, ...60FF
IC = 10 µA, IE = 0 , BCX70
V(BR)CBO
32
45
-
-
-
-
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
V(BR)EBO
6
-
-
Collector-base cutoff current
VCB = 32 V, IE = 0 , BCW60, ...60FF
VCB = 45 V, IE = 0 , BCX70
VCB = 32 V, IE = 0 , TA = 150 °C, BCW60, ...60FF
VCB = 45 V, IE = 0 , TA = 150 °C, BCX70
ICBO
-
-
-
-
-
-
-
-
0.02
0.02
20
20
µA
Emitter-base cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
20
nA
DC current gain-
IC = 10 µA, VCE = 5 V, hFE-grp. G
IC = 10 µA, VCE = 5 V, hFE-grp. B/ H
IC = 10 µA, VCE = 5 V, hFE-grp. C/ J/ FF
IC = 10 µA, VCE = 5 V, hFE-grp. D/ K
IC = 2 mA, VCE = 5 V, hFE-grp. G
IC = 2 mA, VCE = 5 V, hFE-grp. B/ H
IC = 2 mA, VCE = 5 V, hFE-grp. C/ J/ FF
IC = 2 mA, VCE = 5 V, hFE-grp. D/ K
IC = 50 mA, VCE = 1 V, hFE-grp. G
IC = 50 mA, VCE = 1 V, hFE-grp. B/ H
IC = 50 mA, VCE = 1 V, hFE-grp. C/ J/ FF
IC = 50 mA, VCE = 1 V, hFE-grp. D/ K
hFE
20
20
40
100
120
180
250
380
50
70
90
100
140
200
300
460
170
250
350
500
-
-
-
-
-
-
-
-
220
310
460
630
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com