Electronic Components Datasheet Search
  English  ▼

X  

AXUV20A Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUV20A
Description  Circular Active Area
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUV20A Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUV20A Datasheet HTML 1Page - OptoDiode Corp AXUV20A Datasheet HTML 2Page - OptoDiode Corp AXUV20A Datasheet HTML 3Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision May 25, 2018
Page 1 of 3
Photodiode Φ5 mm
AXUV20A
FEATURES
• Circular Active Area
• Ideal for Electron Detection
• 100% Internal QE
• Protective Cover Plate3
Parameters
Test Conditions
Min
Typ
Max
Units
Active Area
Φ5.5 mm
23
mm2
Responsivity
(see graphs on next page)
A/W
Shunt Resistance
Vf = ± 10 mV
100
MOhm
Reverse Breakdown Voltage, VR
IR = 1 µA
5
10
Volts
Capacitance, C
VR = 10 V
4
10
nF
Rise Time
VR = 0 V, RL = 50 Ω
2
usec
Storage and Operating Temperature Range
Ambient1
-10 ° to 40 °C
Nitrogen or Vacuum
-20 °C to 80 °C
Maximum Junction Temperature
70 °C
Lead Soldering Temperature2
260 °C
Electro-Optical Characteristics at 25 °C
Thermal Parameters
1 Temperatures exceeding these parameters may create oxide growth on the active area.
Over time responsivity to low energy radiation and wavelengths below 150 nm will be compromised.
2 0.080" from case for 10 seconds.
3 Shipped with temporary cover to protect the photodiode and wire bonds.
Review the Application Note, “Handling Precautions for AXUV, SXUV, and UVG Detectors”, prior to removing cover.


Similar Part No. - AXUV20A

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV20A OPTODIODE-AXUV20A Datasheet
143Kb / 2P
ELECTRON DETECTION 5.5mm Circular active area
AXUV20ACS OPTODIODE-AXUV20ACS Datasheet
230Kb / 1P
Ceramic socket for devices to eliminate soldering to leads
More results

Similar Description - AXUV20A

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV20A OPTODIODE-AXUV20A Datasheet
143Kb / 2P
ELECTRON DETECTION 5.5mm Circular active area
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
PHOTODIODE 5 mm Circular active area
AXUV63HS1 OPTODIODE-AXUV63HS1 Datasheet
173Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH Datasheet
199Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV300C OPTODIODE-AXUV300C Datasheet
309Kb / 2P
Rectangular active area
SXUVPS4 OPTODIODE-SXUVPS4 Datasheet
286Kb / 2P
Circular active area (4 quadrants)
logo
Sensortechnics GmbH
501162 SENSORTECHNICS-501162 Datasheet
414Kb / 2P
Circular active area APD chip with
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
0.500 mm active area
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
0.500 mm active area
logo
TE Connectivity Ltd
82561 TEC-82561 Datasheet
2Mb / 16P
Computing Circular Mil Area
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com