Electronic Components Datasheet Search
  English  ▼

X  

AXUVHS5 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUVHS5
Description  PHOTODIODE 1 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUVHS5 Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUVHS5 Datasheet HTML 1Page - OptoDiode Corp AXUVHS5 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
FEATURES
• SMA connector
• Ideal for electron detection
• 100% internal QE
• Ultra high speed
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Active Area
Responsivity, R
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Dark Current
THERMAL PARAMETERS
STORAGE AND OPERATING TEMPERATURE RANGE
Ambient1
Nitrogen or Vacuum
Maximum Junction Temperature
Lead Soldering Temperature2
-10° TO 40°C1
-20°C TO 80°C
70°C
260°
Dimensions are in inch [metric] units.
1Temperatures exceeding these parameters may create oxide growth on the active area.
Over time responsivity to low energy radiation and wavelengths below 150nm will be compromised.
20.08" from case for 10 seconds.
Tighten to maximum torque of 5 inch/pounds.
Permanent damage will result if higher torque values are used and warranty is voided.
1mm x 1mm
(see graphs on next page)
IR = 1μA
VR = 0V
RL = 50 , VR = 52V
VR = 52V
55
0
1
40
700
1
mm2
A/W
Volts
pF
psec
nA
PHOTODIODE 1 mm2
AXUVHS5
Revision December 9, 2014


Similar Part No. - AXUVHS5

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVHS5 OPTODIODE-AXUVHS5 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
More results

Similar Description - AXUVHS5

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
UVG5 OPTODIODE-UVG5 Datasheet
407Kb / 2P
PHOTODIODE 5 mm2
ODD-AXU-051 OPTODIODE-ODD-AXU-051 Datasheet
333Kb / 2P
PHOTODIODE 63 mm2
ODD-AXU-058 OPTODIODE-ODD-AXU-058 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
ODD-SXU-051 OPTODIODE-ODD-SXU-051 Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH_15 Datasheet
444Kb / 2P
PHOTODIODE 63 mm2
AXUVHS6 OPTODIODE-AXUVHS6_15 Datasheet
264Kb / 2P
PHOTODIODE 0.0008 mm2
SXUV5 OPTODIODE-SXUV5_15 Datasheet
364Kb / 2P
PHOTODIODE 2.5 mm2
SXUV20C OPTODIODE-SXUV20C Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
UVG100 OPTODIODE-UVG100_18 Datasheet
227Kb / 2P
Photodiode 100 mm2
UVG20C OPTODIODE-UVG20C_15 Datasheet
368Kb / 2P
PHOTODIODE 20 mm2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com