Electronic Components Datasheet Search
  English  ▼

X  

HMC472LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC472LP4
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC472LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC472LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC472LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC472LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC472LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC472LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC472LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 144
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC472LP4
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
v00.0604
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
Typical Applications
The HMC472LP4 is ideal for both RF
and IF applications:
• Cellular; UMTS/3G Infrastructure
• ISM, MMDS, WLAN, WiMAX
• Microwave Radio & VSAT
• Test Equipment & Sensors
Features
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
TTL/CMOS Compatible Control
+/- 0.5 dB Typical Step Error
Single +5V Supply
4 mm x 4 mm x 1 mm SMT Package
General Description
The HMC472LP4 is a broadband 6-bit GaAs IC
digital attenuator in a low cost leadless surface
mount package. This single positive control line
per bit digital attenuator incorporates off chip
AC ground capacitors for near DC operation,
making it suitable for a wide variety of RF and IF
applications. Covering DC to 3.0 GHz, the
insertion loss is less than 2.0 dB typical. The
attenuator bit values are 0.5 (LSB), 1, 2, 4, 8,
and 16 dB for a total attenuation of
31.5 dB.
Attenuation accuracy is excellent at ± 0.5 dB
typical step error with an IIP3 of +45 dBm. Six
TTL/CMOS control inputs are used to select
each attenuation state. A single Vdd bias of +5V
is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.5 GHz
1.5 - 3.0 GHz
1.5
2.0
1.8
2.3
dB
dB
Attenuation Range
DC - 3.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 3.0 GHz
15
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
REF - 15.5 dB
16.0 - 31.5 dB
DC - 3.0 GHz
± (0.4 + 4% of Atten. Setting) Max.
± (0.5 + 4% of Atten. Setting) Max.
dB
dB
Input Power for 0.1 dB Compression
0.1 - 3.0 GHz
20
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 15.5 dB States
16.0 - 31.5 dB States
0.1 - 3.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 3.0 GHz
130
140
ns
ns


Similar Part No. - HMC472LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC472LP4E HITTITE-HMC472LP4E Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results

Similar Description - HMC472LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC425 HITTITE-HMC425 Datasheet
210Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3 Datasheet
200Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC542LP4 HITTITE-HMC542LP4 Datasheet
469Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC425 HITTITE-HMC425_09 Datasheet
244Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3_09 Datasheet
218Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC425ALP3 AD-HMC425ALP3 Datasheet
1Mb / 4P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com