Electronic Components Datasheet Search
  English  ▼

X  

BSP50 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP50
Description  NPN Silicon Darlington Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP50 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP50 Datasheet HTML 1Page - Infineon Technologies AG BSP50 Datasheet HTML 2Page - Infineon Technologies AG BSP50 Datasheet HTML 3Page - Infineon Technologies AG BSP50 Datasheet HTML 4Page - Infineon Technologies AG BSP50 Datasheet HTML 5Page - Infineon Technologies AG BSP50 Datasheet HTML 6Page - Infineon Technologies AG BSP50 Datasheet HTML 7Page - Infineon Technologies AG BSP50 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2011-10-05
1
BSP50-BSP52
1
2
3
4
NPN Silicon Darlington Transistors
• High collector current
• Low collector-emitter saturation voltage
• Complementary types: BSP60 - BSP62 (PNP)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BSP50
BSP51
BSP52
BSP50
BSP51
BSP52
1=B
1=B
1=B
2=C
2=C
2=C
3=E
3=E
3=E
4=C
4=C
4=C
-
-
-
-
-
-
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BSP50
BSP51
BSP52
VCEO
45
60
80
V
Collector-base voltage
BSP50
BSP51
BSP52
VCBO
60
80
90
Emitter-base voltage
VEBO
5
Collector current
IC
1
A
Peak collector current, tp
≤ 10 ms
ICM
2
Base current
IB
100
mA
Total power dissipation-
TS
≤ 124 °C
Ptot
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150


Similar Part No. - BSP50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP50 PHILIPS-BSP50 Datasheet
47Kb / 8P
NPN Darlington transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BSP50 SIEMENS-BSP50 Datasheet
152Kb / 5P
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50 Datasheet
92Kb / 5P
NPN Silicon Darlington Transistors
Nov-30-2001
logo
Fairchild Semiconductor
BSP50 FAIRCHILD-BSP50 Datasheet
41Kb / 3P
NPN Darlington Transistor
logo
NXP Semiconductors
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
NPN Darlington transistors
1999 Apr 23
More results

Similar Description - BSP50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
Darlington Transistors(NPN Silicon)
1996
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
NPN Silicon Darlington Transistors
2007-04-20
BCV29 INFINEON-BCV29_07 Datasheet
71Kb / 8P
NPN Silicon Darlington Transistors
2007-03-29
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
NPN Silicon Darlington Transistors
2007-03-30
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
NPN SILICON DARLINGTON TRANSISTORS
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
SILICON NPN DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com