Electronic Components Datasheet Search
  English  ▼

X  

BSP60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP60
Description  PNP Silicon Darlington Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP60 Datasheet HTML 1Page - Infineon Technologies AG BSP60 Datasheet HTML 2Page - Infineon Technologies AG BSP60 Datasheet HTML 3Page - Infineon Technologies AG BSP60 Datasheet HTML 4Page - Infineon Technologies AG BSP60 Datasheet HTML 5Page - Infineon Technologies AG BSP60 Datasheet HTML 6Page - Infineon Technologies AG BSP60 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011-10-04
1
BSP60-BSP62
1
2
3
4
PNP Silicon Darlington Transistor
• High collector current
• Low collector-emitter saturation voltage
• Complementary types: BSP50...BSP52 (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BSP60
BSP61
BSP62
BSP60
BSP61
BSP62
1=B
1=B
1=B
2=C
2=C
2=C
3=E
3=E
3=E
4=C
4=C
4=C
-
-
-
-
-
-
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BSP60
BSP61
BSP62
VCEO
45
60
80
V
Collector-base voltage
BSP60
BSP61
BSP62
VCBO
60
80
90
Emitter-base voltage
VEBO
5
Collector current
IC
1
A
Peak collector current, tp
≤ 10 ms
ICM
2
Base current
IB
100
mA
Total power dissipation-
TS
≤ 124 °C
Ptot
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150


Similar Part No. - BSP60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP60 PHILIPS-BSP60 Datasheet
62Kb / 8P
PNP Darlington transistors
1999 Apr 29
logo
Siemens Semiconductor G...
BSP60 SIEMENS-BSP60 Datasheet
153Kb / 5P
PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60 Datasheet
78Kb / 5P
PNP Silicon Darlington Transistors
Nov-30-2001
logo
NXP Semiconductors
BSP60 NXP-BSP60 Datasheet
126Kb / 7P
PNP Darlington transistors
2001 May 31
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
More results

Similar Description - BSP60

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV28 ZETEX-BCV28 Datasheet
16Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
NEC
2SB1150 NEC-2SB1150 Datasheet
146Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
2SB1093 NEC-2SB1093 Datasheet
125Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
PNP Silicon Darlington Transistor
logo
Weitron Technology
MMBTA64 WEITRON-MMBTA64 Datasheet
479Kb / 4P
Darlington Transistor PNP Silicon
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60_07 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
420Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
First Silicon Co., Ltd
MJD127 FS-MJD127 Datasheet
360Kb / 2P
PNP Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com