Electronic Components Datasheet Search
  English  ▼

X  

HV219 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV219
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219 Datasheet(HTML) 2 Page - Supertex, Inc

  HV219 Datasheet HTML 1Page - Supertex, Inc HV219 Datasheet HTML 2Page - Supertex, Inc HV219 Datasheet HTML 3Page - Supertex, Inc HV219 Datasheet HTML 4Page - Supertex, Inc HV219 Datasheet HTML 5Page - Supertex, Inc HV219 Datasheet HTML 6Page - Supertex, Inc HV219 Datasheet HTML 7Page - Supertex, Inc HV219 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HV219
A042705
2
Ordering Information
Package Options
VPP-VNN
Maximum Analog
Switch Voltage
28-lead plastic chip carrier PLCC
48-lead TQFP
Die
200V
180VP-P
HV219PJ
HV219FG
HV219X
Absolute Maximum Ratings*
VDD Logic supply
-0.5V to +15V
VPP-VNN differential supply
220V
VPP Positive supply
-0.5V to VNN+200V
VNN Negative supply
+0.5V to –200V
Logic input voltage
-0.5V to VDD+0.3V
Analog signal range
VNN to VPP
Peak analog signal current
3.0A
Storage temperature
-65°C to +125°C
28-Lead PLCC
1.2W
Power dissipation
48 Lead TQFP
1.0W
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur.
Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
Operating Conditions
Symbol
Parameter
Value
VDD
Logic power supply
4.5V to 13.2V
VPP
Positive high voltage supply
40V to VNN+200V
VNN
Negative high voltage supply
-40V to -160V
VIH
Input logic voltage high
VDD-1.5V to VDD
VIL
Input logic voltage low
0V to 1.5V
VSIG
Analog signal voltage peak to peak
VNN+10V to VPP-10V
TA
Operating free air temperature
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com