Electronic Components Datasheet Search
  English  ▼

X  

MAX32664 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32664
Description  Biometric Sensor Hub Solution Enables Faster Time to Market
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32664 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32664 Datasheet HTML 1Page - Maxim Integrated Products MAX32664 Datasheet HTML 2Page - Maxim Integrated Products MAX32664 Datasheet HTML 3Page - Maxim Integrated Products MAX32664 Datasheet HTML 4Page - Maxim Integrated Products MAX32664 Datasheet HTML 5Page - Maxim Integrated Products MAX32664 Datasheet HTML 6Page - Maxim Integrated Products MAX32664 Datasheet HTML 7Page - Maxim Integrated Products MAX32664 Datasheet HTML 8Page - Maxim Integrated Products MAX32664 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(Limits are 100% tested at TA = +25°C and TA = +105°C. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to the minimum operating temperature are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Supply Voltage
VDD
1.71
1.8
3.63
V
Power-Fail Reset Voltage
VRST
Monitors VDD
1.63
1.71
V
Power-On Reset Voltage
VPOR
Monitors VDD
1.4
V
DIGITAL I/O
Input Low Voltage for
RSTN, SLAVE_SCL
VIL_RSTN
0.3 ×
VDD
V
Input High Voltage for All
GPIO, RSTN
VIH_RSTN
0.7 ×
VDD
V
Output Low Voltage for
SENSOR_SDA,
SENSOR_SCL,
SLAVE_SDA
VOL_I2C
VDD = 1.71V, IOL = 2mA
0.2
0.4
V
Output High Voltage for
SENSOR_SDA,
SENSOR_SCL,
SLAVE_SDA
VOH_I2C
VDD = 1.71V, IOH = 2mA,
VDD - 0.4
V
Input Hysteresis (Schmitt)
VIHYS
300
mV
Input/Output Pin
Capacitance for All Pins
CIO
4
pF
Input Leakage Current Low
IIL
VIN = 0V, internal pullup disabled
-500
+500
nA
Input Leakage Current High
IIH
VIN = 3.6V, internal pulldown disabled
-500
+500
nA
Input Pullup Resistor to
RSTN
RPU_VDD
Pullup to VDD = 3.63V
10.5
kΩ
CLOCKS
System Clock Frequency
fSYS_CLK
96
MHz
RTC Input Frequency
f32KIN
32.768kHz watch crystal, CL = 6pF,
ESR < 90kΩ, C0 < 2pF
32.768
kHz
RTC Operating Current
IRTC
All power modes, RTC enabled
0.57
μA
RTC Power-Up Time
tRTC_ ON
250
ms
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX32664
Ultra-Low Power
Biometric Sensor Hub



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com