Electronic Components Datasheet Search
  English  ▼

X  

MAX86141 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX86141
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86141 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX86141 Datasheet HTML 1Page - Maxim Integrated Products MAX86141 Datasheet HTML 2Page - Maxim Integrated Products MAX86141 Datasheet HTML 3Page - Maxim Integrated Products MAX86141 Datasheet HTML 4Page - Maxim Integrated Products MAX86141 Datasheet HTML 5Page - Maxim Integrated Products MAX86141 Datasheet HTML 6Page - Maxim Integrated Products MAX86141 Datasheet HTML 7Page - Maxim Integrated Products MAX86141 Datasheet HTML 8Page - Maxim Integrated Products MAX86141 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
(VDDANA = 1.8V, VDDDIG = 1.8V, VLED = 5.0V, ADC_RGE = 16μA, PPG_SR = 1024sps, PPG_TINT = 14.8μs, LED_SETLNG = 6μs,
LEDx_RGE = 31mA, CPD = 65pF, PD_BIAS = 0x1, Iexposure = 1μA, TA = 25°C, min/max are from TA = -40°C to +85°C, unless other-
wise noted. (Note 1) )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Readout Channel
ADC Resolution
19
bits
ADC Full Scale Input Current
ADC_RGE = 0x0
4.0
μA
ADC_RGE = 0x1
8.0
ADC_RGE = 0x2
16.0
ADC_RGE = 0x3
32.0
ADC Integration Time
tINT
PPG_TINT = 0x0
14.8
μs
PPG_TINT = 0x1
29.4
PPG_TINT = 0x2
58.7
PPG_TINT = 0x3
117.3
Minimum PPG Sample Rate
PPG_SR = 0x0A
8
sps
Maximum PPG Sample Rate
PPG_SR = 0x13
4096
sps
Sample Rate Error
From nominal as indicated in the PPG_SR
table
-2
+2
%
DC Ambient Light Input Range
ALR
ALC = on, ALC_OVF = 1
100
μA
AC Ambient Light Rejection
AC_ALRR
ALC = on, Iambient = 1μA DC with
±0.4μA pk-pk 120Hz Sinwave
70
dB
DC Ambient Light Rejection
ALC = on, Iambient modulated between 0μA
and 30μA, LED_SETLNG = 12μs,
PPG_TINT = 117.3μs
0.5
nA
Dark Current Offset
DC_O
ALC = ON, PD_BIAS = 0x0, ADD_OFFSET = 1
±1
Counts
Dark Current Input Referred
Noise
PPG_TINT = 14.8μs
262
pArms
PPG_TINT = 29.4μs
128
PPG_TINT = 58.7μs
83
PPG_TINT = 117.3μs
56
pArms
Maximum Photodiode Input
Capacitance
Cpd
Iambient = 0μA, less
than 1nA of code shift
PD_BIAS = 0x1
65
pF
PD_BIAS = 0x5
130
PD_BIAS = 0x6
260
PD_BIAS = 0x7
520
VDD DC PSR
Iambient = 0μA, VDD = 1.7V to 2.0V
-560
-330
+560
LSB/V
LED Driver
LED Current Resolution
8
Bits
Driver DNL
LEDx_RGE = 124mA
-1
1
LSB
Driver INL
LEDx_RGE = 124mA
0.6
LSB
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com