Electronic Components Datasheet Search
  English  ▼

X  

A7D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A7D
Description  Ultra-small, Low-cost, Push-operated Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7D Datasheet(HTML) 2 Page - Omron Electronics LLC

  A7D Datasheet HTML 1Page - Omron Electronics LLC A7D Datasheet HTML 2Page - Omron Electronics LLC A7D Datasheet HTML 3Page - Omron Electronics LLC A7D Datasheet HTML 4Page - Omron Electronics LLC A7D Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A7D/A7DP
2
Specifications
Dimensions
(Unit: mm)
Switches
Switching capacity (resistive load)
3.3 to 30 VDC
1 mA to 0.1 A
Continuous carry current
100 mA
Contact resistance
200 m
Ω max.
Insulation
resistance
Between non-connected
terminals
10 M
Ω min. (at 250 VDC)
Between terminal and
non-current carrying part
100 M
Ω min. (at 500 VDC)
Dielectric
strength
Between non-connected
terminals
250 VAC, 50/60 Hz for 1 min
Between terminal and
non-current carrying part
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
500 m/s2 min.
Durability
Mechanical
30,000 operations min.
Electrical
20,000 operations min.
Ambient temperature
Operating: –10
°C to 70°C (with no icing)
Storage:
–20
°C to 80°C
Ambient humidity
Operating: 45% to 85%
Max. operating force
3.43 N max.
8
2
4
1
C
1.5
1.5
1.85
(2.2)
P=5.08±0.3
16 14±0.1
2.8
5.08±0.1
A
C
B
0.8
1.4
PCB terminal
1.92
P=2.54
14±0.15
10
2.2
4.2
17
2
1.5
1.6
3.7
D+0.3
0
B
14.2+0.4
0
Panel thickness: 2
Two, M2.6 or
2.8 mm holes
Note: 1. The dimensions above include both End Caps, and
will increase 5.08 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 5.1 + 3)
Size B
(n x 5.1 + 8.3)
Size C
(n x 5.1 + 13.3)
Size D
1
8.1
13.4
18.4
8.4
2
13.2
18.5
23.5
13.5
3
18.3
23.6
28.6
18.6
4
23.4
28.7
33.7
23.7
5
28.5
33.8
38.8
28.8
6
33.5
38.9
43.9
33.9
7
38.6
44.0
49.0
39.0
8
43.7
49.1
54.1
44.1
9
48.8
54.2
59.2
49.2
10
53.9
59.3
64.3
54.3
A7D-106(-1)
PCB Terminals
Note: Common terminal C is at the bottom when the Switch Unit is viewed
from the front.
Panel Cutout
8
2
4
1
C
1.5
5.08±0.1
(2.5)
16
10
2.2
1.92
0.8
1.4
P=2.54
14±0.15
14.2+0.4
0
3.7
17.5
1.5
1.5
3.7
A
(1.5)
(2.2)
P=5.08±0.3
B
C+0.3
0
Panel thickness: 1 to 2
PCB terminal
Note: 1. The dimensions above include both End Caps, and
will increase 5.08 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 5.1 + 5)
Size B
(n x 5.1 + 3)
Size C
(n x 5.1 + 3.9)
110.1
8.1
9
2
15.2
13.2
14.1
3
20.3
18.3
19.2
4
25.4
23.4
24.3
5
30.5
28.5
29.4
6
35.5
33.5
34.5
7
40.6
38.6
39.6
8
45.7
43.7
44.7
9
50.8
48.8
49.8
10
55.9
53.9
54.9
A7D-206(-1)
PCB Terminals
Note: Common terminal C is at the bottom when the Switch Unit is viewed
from the front.
Panel Cutout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com