Electronic Components Datasheet Search
  English  ▼

X  

A8N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A8N
Description  Dual-Pushbutton Switch for High Capacity Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8N Datasheet(HTML) 2 Page - Omron Electronics LLC

  A8N Datasheet HTML 1Page - Omron Electronics LLC A8N Datasheet HTML 2Page - Omron Electronics LLC A8N Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
A8N
A8N
■Dimensions (Unit: mm)
Note: Unless otherwise specified, a tolerance of ±0.3 mm applies to all dimensions.
■Panel Cutout
■Precautions
Be sure to read the Safety precautions common to all Rocker Switches for correct use.
9.7
21.5
0.8
2.8 dia.
1.6 dia.
24
+0.3
-0.5
+0.3
-0.5
14.4
6.8
9.6
10
14.7
14.8
17
5.5
±0.5
JAPAN
2
23
31.3
3.7
2.2
Solder Terminal
#250 Quick connect terminal (t=0.8) common use
Quick-connect Terminals are not in compliance with IEC standards.
A8NS-3162
A8ND-3162
Note: The following illustrations and drawings are for 2 poles (DPST) models,
1 pole (SPST) models have single side terminals.
● Operating Characteristics
No. of poles
1 (SPST)
2 (DPST)
Operating force (OF) max.
9 N {918 gf}
22 N {2,243 gf}
Y
X
R0.3
±0.1
Edge
Panel thickness (mm)
X (mm)
Y (mm)
1.0 to 1.9
22.3
14.8
2.0 to 2.8
23.2
0
-0.1
+0.1
0
+0.1
0
Process the above-mentioned R on the mounting
hole side of panel, or be sure that the Play R is on
the operation side of panel when using.
Be sure that the Edge is on the reverse side of
panel when processing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com