Electronic Components Datasheet Search
  English  ▼

X  

A9P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A9P
Description  Two-point clip contact mechanism combined with see-saw action.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A9P Datasheet(HTML) 2 Page - Omron Electronics LLC

  A9P Datasheet HTML 1Page - Omron Electronics LLC A9P Datasheet HTML 2Page - Omron Electronics LLC A9P Datasheet HTML 3Page - Omron Electronics LLC A9P Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pushbutton Switch (Microminiaturize)
A9P
2
Specifications
Dimensions
(Unit: mm)
● DIP terminal
● Right Angle
Switching capacity
AC/DC 60V 50mA, AC/DC 20mV 1
μ A (minimum current)
Ambient temperature
-20 to 80
°C 60% RH Max. (with no icing or condensation)
Ambient humidity
operating : 45% to 85% (5 to 35
°C )
Insulation resistance
1000 M
Ω min (Initial value)
Contact resistance
50 m
Ω max (Initial value)
Dielectric strength
500VAC for 1 min between terminals, between terminals and ground
Vibration resistance
Malfunction
Malfunction: 10 to 55Hz, 1.5-mm double amplitude
Shock resistance
Malfunction
Malfunction: 500m/s2 min
Life expectancy
Mechanical
50,000 operations min
Electrical
50,000 operations min
Operating force
Alternate: 1.96 to 6.86 N / Momentary: 1.47 to 3.43 N
Weight
DIP terminal
0.7 g
Right Angle
0.9 g
Vertical Mount
0.9 g
10±0.5
5.6±0.3
8.4±0.3
JAPAN
5 dia.
5.5
47.5
stroke 1.5
3
0.6
5.08
With button
Without button
5.6±0.3
3.3±0.3
8.4±0.3
0.6
10±0.5
5 dia.
2.6 dia.
stroke 1.5
3
7.5
JAPAN
5.08
(1)
(3)
(2)
(4)
(6)
(5)
(1)
(3)
(4)
(6)
(5)
Single Pole Type Double Pole Type
2.54
0.4
5.6±0.3
3.2
8.4±0.3
JAPAN
5 dia.
10±0.5
5.5
4
7.5
0.6
5.08
0.7
5.08
0.4
0.4
2.54
5.08
5.84
0.3
0.6
10±0.5
5.6±0.3
3.3±0.3
8.4±0.3
5 dia.
2.6 dia.
7.5
JAPAN
5.08
3.2
0.7
5.08
Single Pole Type
Double Pole Type
(1)
(3)
(2)
(4)
(6)
(5)
(4)
(6)
(5)
With button
Without button



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com