Electronic Components Datasheet Search
  English  ▼

X  

A9TS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A9TS
Description  Ultra subminiature Toggle Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A9TS Datasheet(HTML) 4 Page - Omron Electronics LLC

  A9TS Datasheet HTML 1Page - Omron Electronics LLC A9TS Datasheet HTML 2Page - Omron Electronics LLC A9TS Datasheet HTML 3Page - Omron Electronics LLC A9TS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A9TS
A9TS
■ Safety Precautions
Be sure to read the Safety precautions common to all PCB-mount Manual Switch for correct use.
● Cautions
Use the switch within the rated voltage and current ranges,
otherwise the Switch may have a shortened life expectancy,
radiate heat,or burn out. This particularly applies to the
instantaneous voltages and currents when switching.
● Hardling
Do not apply excessive operating force to the Switch. Otherwise
the Switch may be damaged or deformed, and the switch
mechanism may malfunction as a result. Apply an operating force
not exceeding 9.8N {1,000gf}. Apply the operating load from the
top of the actuator. Do not apply a load from angle or from side
the actuator. Doing so may deform the Switch contact.
● Soldering
Observe the following conditions when soldering the Switch.
Automatic Soldering Bath
Soldering temperature: 260
°C max. (Preheating: 100 °C 120s max.)
Soldering time: 5s max.
Manual Soldering
Soldering temperature: 350
°C at the tip of the soldering iron.
Soldering time: 3s max.
● Washing
Apply alcohol based solvents to clean.
Do not clean the Switch immediately after soldering. Wait for at
least five minutes after soldering before cleaning.
Ultrasonic cleaning is not available dip into Switch washing
agents for two minutes maximum.
● Using Flux
Making mistakes in the type of flux or in the amount or method in
which it is applied can cause flux to enter the interior of the
Switch, with adverse effects on Switch performance. Assess the
proper flux, conditions,and methods prior to using it.
● RoHS Compliant
The "RoHS Compliant" designation indicates that the listed
models do not contain the six hazardous substances covered by
the RoHS Directive.
Reference: The following standards are used to determine
compliance for the six substances.
• Lead:
1,000 ppm max.
• Mercury:
1,000 ppm max.
• Cadmium:
100 ppm max.
• Hexavalent chromium: 1,000 ppm max.
• PBB:
1,000 ppm max.
• PBDF:
1,000 ppm max.
● Environment for Storage and Use
To prevent discoloration of the terminals and other problems
during storage, do not store the Switch in locations subject to the
following conditions.
1. High temperature or humidity
2. Corrosive gases
3. Direct sunlight
Also, the Switch is not waterproof or splash-resistance.
Do not use the Switch in locations that are subject to contact with
water. Do not subject the Switch to freezing or condensation.
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
Cat. No. A199-E1-04
1014(0207)(O)
Note: Do not use this document to operate the Unit.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com