Electronic Components Datasheet Search
  English  ▼

X  

ICL232 Datasheet(PDF) 3 Page - Harris Corporation

Part # ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICL232 Datasheet(HTML) 3 Page - Harris Corporation

  ICL232 Datasheet HTML 1Page - Harris Corporation ICL232 Datasheet HTML 2Page - Harris Corporation ICL232 Datasheet HTML 3Page - Harris Corporation ICL232 Datasheet HTML 4Page - Harris Corporation ICL232 Datasheet HTML 5Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8-51
Test Circuits
FIGURE 1. GENERAL TEST CIRCUIT
FIGURE 2. POWER-OFF SOURCE RESISTANCE
CONFIGURATION
Typical Performance Curves
FIGURE 3. V+, V- OUTPUT IMPEDANCES vs VCC
FIGURE 4. V+, V- OUTPUT VOLTAGES vs LOAD CURRENT
Pin Descriptions
PDIP, CERDIP
SOIC
PIN NAME
DESCRIPTION
1
1
C1+
External capacitor “+” for internal voltage doubler.
2
2
V+
Internally generated +10V (typical) supply.
3
3
C1-
External capacitor “-” for internal voltage doubler.
4
4
C2+
External capacitor “+” internal voltage inverter.
5
5
C2-
External capacitor “-” internal voltage inverter.
6
6
V-
Internally generated -10V (typical) supply.
77
T2OUT
RS-232 Transmitter 2 output
±10V (typical).
88
R2IN
RS-232 Receiver 2 input, with internal 5K pulldown resistor to GND.
9
9
R2out
Receiver 2 TTL/CMOS output.
10
10
T2IN
Transmitter 2 TTL/CMOS input, with internal 400K pullup resistor to VCC.
11
11
T1IN
Transmitter 1 TTL/CMOS input, with internal 400K pullup resistor to VCC.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+4.5V TO
+5.5V INPUT
3k
Ω
T1 OUTPUT
RS-232
±30V INPUT
TTL/CMOS
OUTPUT
TTL/CMOS
INPUT
TTL/CMOS
INPUT
TTL/CMOS
OUTPUT
+
-
1
µF
C3
+
-
1
µF
C1
+
-
1
µF
C2
1
µF C4
3k
Ω
T2 OUTPUT
RS-232
±30V INPUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
T2OUT
T1OUT
VIN = ±2V
A
ROUT = VIN/I
550
500
450
400
350
300
250
200
150
3456
INPUT SUPPLY VOLTAGE VCC (V)
V- SUPPLY
V+ SUPPLY
OPERATING
RANGE
GUARANTEED
TA = 25
oC
EXTERNAL SUPPLY LOAD
1k
Ω BETWEEN V+ + GND
OR V- + GND
TRANSMITTER OUTPUT
OPEN CIRCUIT
10
|ILOAD| (mA)
V+ (VCC = 4.5V)
V+ (VCC = 5V)
V- (VCC = 5V)
V- (VCC = 4.5V)
TA = 25
oC
TRANSMITTER OUTPUTS
OPEN CIRCUIT
9
8
7
6
5
4
3
2
1
0
3
10
9
8
7
6
5
4
ICL232



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com