Electronic Components Datasheet Search
  English  ▼

X  

BCR103F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BCR103F
Description  NPN Silicon Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR103F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BCR103F Datasheet HTML 2Page - Infineon Technologies AG BCR103F Datasheet HTML 3Page - Infineon Technologies AG BCR103F Datasheet HTML 4Page - Infineon Technologies AG BCR103F Datasheet HTML 5Page - Infineon Technologies AG BCR103F Datasheet HTML 6Page - Infineon Technologies AG BCR103F Datasheet HTML 7Page - Infineon Technologies AG BCR103F Datasheet HTML 8Page - Infineon Technologies AG BCR103F Datasheet HTML 9Page - Infineon Technologies AG BCR103F Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2005-06-21
9
BCR103...
Package TSLP-3-4
Type code
Laser marking
Package Outline
Foot Print
Marking Layout
Packing
Orientation
Top view
0.05 MAX.
0.4
Bottom view
2
1
±0.05
S
S
0.03
±0.035
0.5
0.6
A
M
0.1
B
A
0.05
2x
3
1)
A B
M
0.1
0.1
B
M
A
2x
0.05 2x
B
0.35
±0.035
0.15
1)
A B
M
0.1
2x
marking
1) Dimension applies to plated terminals
2
3
1
0.76
4
0.5
Orientation
marking
Code E6327: Reel ø180 mm = 15.000 Pieces/Reel
Stencil apertures
Copper
Solder mask
0.2
0.5
0.17
0.2
0.225
0.6
0.225
0.15
R0.1
R0.19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com