Electronic Components Datasheet Search
  English  ▼

X  

IL1083 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL1083
Description  IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL1083 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL1083 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL1083 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL1083 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL1083 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IL1083
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
TABLE 2
− ÒABLE OF ELECTRICAL CHARACTERISTICS
Standard
Characteristic, measurement unit
Symbol
Measurement mode
min
Max
Tempera-
ture
TJ,
OC
IO=10mA
(UIN - UO)=3V
1,238
1,262
25
±10
Reference voltage, V
Uref
10mA
≤ I
O
≤ I
FULL LOAD
1,5V
≤(U
IN - UO)
≤ 25V
1,225
1,270
0
÷125
IO=10mA
(UIN - UO)=3V
1,238
1,262
25
±10
Reference voltage, V
Uref
10mÀ
≤ I
O
≤ I
FULL LOAD
1,5V
≤(U
IN - UO)
≤ 25V
1,225
1,270
0
÷125
IO=10 mÀ,
1,5V
≤(U
IN - UO)
≤ 15V
-
0,2
0
÷125
Change of output voltage when input
voltage changes, %
Regline
IO=10 mÀ,
15V
≤(U
IN - UO)
≤ 30V
-
0,5
0
÷125
-
0,3
25
±10
Change of output voltage when load
current changes, %
Regload
(UIN - UO) = 3V
10mÀ
≤ I
O
≤ I
FULL LOAD
-
0,4
0
÷125
Residual voltage, V
Uds
∆U
ref = 1 %, IO= I FULL LOAD
-
1,5
0
÷125
(UIN - UO) = 5V
8,0
-
0
÷125
Maximum output current, A
IO max
(UIN - UO) = 25V
0,4
-
0
÷125
Minimum output current, mA
IO min
(UIN - UO) = 25V
-
10
0
÷125
Thermostabilization, %/W
Regterm
tèìïóëüñ=30mñTÀ=25
OC
0,010
Pulsation smoothing ratio, dB
RR
f=120Hz, ÑAdj=25
µF,
ÑÎ=25
µF
IO=I FULL LOAD, (UIN - UO)=3V
60
-
0
÷125
Adjustment current, mkA
IAdj
10mÀ
≤ I
O
≤ I
FULL LOAD
1,5V
≤(U
IN - UO)
≤ 25V
-
120
0
÷125
Change of adjustment current, mkA
∆I
Adj
10mÀ
≤ I
O
≤ I
FULL LOAD
1,5V
≤(U
IN - UO)
≤ 25V
-
5
0
÷125
Ratio of output voltage temporary
instability, %
S
1000 ÷ ;TJ = 125
OC
(when testing)
-
1
25
±10
Notes:
1 Measurement of electrical characteristics is carried out when capacitance ÑIN=10 mkF is
connected to the input and ÑÎ=100 mkF – to the output;
2 Reference voltage Uref in adjustable regulator is measured between outputs Output and
Adjust on resistance R1 (figure 1);
3 Parameters stipulated in table 1 are ensured for constant chip temperature TJ. Measure-
ment of parameters should be performed using heatsink and pulse technique;
4 I FULL LOAD – value of maximum output current dependent on input-output voltage difference
(UIN - UO) with power dissipation in package ÊÒ-28 - 30 W.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com