Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT374 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT374
Description  OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT374 Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT374 Datasheet HTML 1Page - Integral Corp. IN74ACT374 Datasheet HTML 2Page - Integral Corp. IN74ACT374 Datasheet HTML 3Page - Integral Corp. IN74ACT374 Datasheet HTML 4Page - Integral Corp. IN74ACT374 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74ACT374
1
OCTAL 3-STATE
NONINVERTING D FLIP-FLOP
High-Speed Silicon-Gate CMOS
The IN74ACT374 is identical in pinout to the LS/ALS374,
HC/HCT374. The IN74ACT374 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
Data meeting the setup and hold time is clocked to the outputs
with the rising edge of the Clock. The Output Enable input does
not affect the states of the flip-flops, but when Output Enable is
high, the outputs are forced to the high-impedance state; thus,
data may be stored even when the outputs are not enabled.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT374N Plastic
IN74ACT374DW SOIC
TA = -40° to 85° C for all
packages
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
L
H
H
L
L
L
L
L,H,
X
no
change
H
X
X
Z
X = don’t care
Z = high impedance
PIN ASSIGNMENT


Similar Part No. - IN74ACT374

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT374 IKSEMICON-IN74ACT374 Datasheet
331Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74ACT374DW IKSEMICON-IN74ACT374DW Datasheet
331Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74ACT374N IKSEMICON-IN74ACT374N Datasheet
331Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT374

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC374 INTEGRAL-IN74AC374 Datasheet
205Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC374 KODENSHI-KK74AC374 Datasheet
348Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT374 KODENSHI-KK74ACT374 Datasheet
344Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC374 IKSEMICON-IN74AC374 Datasheet
252Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74ACT374 IKSEMICON-IN74ACT374 Datasheet
331Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com