Electronic Components Datasheet Search
  English  ▼

X  

IRFB3307 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFB3307
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB3307 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFB3307 Datasheet HTML 3Page - International Rectifier IRFB3307 Datasheet HTML 4Page - International Rectifier IRFB3307 Datasheet HTML 5Page - International Rectifier IRFB3307 Datasheet HTML 6Page - International Rectifier IRFB3307 Datasheet HTML 7Page - International Rectifier IRFB3307 Datasheet HTML 8Page - International Rectifier IRFB3307 Datasheet HTML 9Page - International Rectifier IRFB3307 Datasheet HTML 10Page - International Rectifier IRFB3307 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFB3307/IRFS3307/IRFSL3307
8
www.irf.com
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
- B -
1.32 (.052)
1.22 (.048)
3X
0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.045)
MIN
6.47 (.255)
6.10 (.240)
3.78 (.149)
3.54 (.139)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
3X
1.40 (.055)
1.15 (.045)
2.54 (.100)
2X
0.36 (.014)
M B A M
4
1
2 3
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB.
2 CONTROLLING DIMENSION : INCH
4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
@Y6HQG@)
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
UCDTÃDTÃ6IÃDSA  Ã
GPUÃ8P9@Ã &'(
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
Q6SUÃIVH7@S
6TT@H7G`
GPUÃ8P9@
96U@Ã8P9@
`@6SÃ&Ã2Ã ((&
GDI@Ã8
X@@FÃ (
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
Note: "P" in assembly line
position indicates "Lead-Free"
TO-220AB packages are not recommended for Surface Mount Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com