Electronic Components Datasheet Search
  English  ▼

X  

ISL6612 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6612
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6612 Datasheet HTML 1Page - Intersil Corporation ISL6612 Datasheet HTML 2Page - Intersil Corporation ISL6612 Datasheet HTML 3Page - Intersil Corporation ISL6612 Datasheet HTML 4Page - Intersil Corporation ISL6612 Datasheet HTML 5Page - Intersil Corporation ISL6612 Datasheet HTML 6Page - Intersil Corporation ISL6612 Datasheet HTML 7Page - Intersil Corporation ISL6612 Datasheet HTML 8Page - Intersil Corporation ISL6612 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9153.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6612, ISL6613
Advanced Synchronous Rectified Buck
MOSFET Drivers with Protection Features
The ISL6612 and ISL6613 are high frequency MOSFET
drivers specifically designed to drive upper and lower power
N-Channel MOSFETs in a synchronous rectified buck
converter topology. These drivers combined with HIP63xx or
ISL65xx Multi-Phase Buck PWM controllers and N-Channel
MOSFETs form complete core-voltage regulator solutions for
advanced microprocessors.
The ISL6612 drives the upper gate to 12V, while the lower
gate can be independently driven over a range from 5V to
12V. The ISL6613 drives both upper and lower gates over a
range of 5V to 12V. This drive-voltage provides the flexibility
necessary to optimize applications involving trade-offs
between gate charge and conduction losses.
An advanced adaptive zero shoot-through protection is
integrated to prevent both the upper and lower MOSFETs
from conducting simultaneously and to minimize the dead
time. These products add an over-voltage protection feature
operational before VCC exceeds its turn-on threshold, at
which the PHASE node is connected to the gate of the low
side MOSFET (LGATE). The output voltage of the converter
is then limited by the threshold of the low side MOSFET,
which provides some protection to the microprocessor if the
upper MOSFET(s) is shorted during startup. The over-
temperature protection feature prevents failures resulting
from excessive power dissipation by shutting off the outputs
when its junction temperature exceeds 150°C (typically). The
driver resets once its junction temperature returns to 108°C
(typically).
These drivers also feature a three-state PWM input which,
working together with Intersil’s multi-phase PWM controllers,
prevents a negative transient on the output voltage when the
output is shut down. This feature eliminates the Schottky
diode that is used in some systems for protecting the load
from reversed output voltage events.
Features
• Pin-to-pin Compatible with HIP6601 SOIC family for Better
Performance and Extra Protection Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
- Body Diode Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage (5V to 12V) for Optimal Efficiency
• 36V Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 2MHz)
- 3A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Three-State PWM Input for Output Stage Shutdown
• Three-State PWM Input Hysteresis for Applications With
Power Sequencing Requirement
• Pre-POR Over-Voltage Protection
• VCC Undervoltage Protection
• Over Temperature Protection (OTP) with 42°C Hysteresis
• Expandable Bottom Copper Pad for Enhanced Heat
Sinking
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Core Regulators for Intel® and AMD® Microprocessors
• High Current DC-DC Converters
• High Frequency and High Efficiency VRM and VRD
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Briefs TB400 and TB417 for Power Train
Design, Layout Guidelines, and Feedback Compensation
Design
Data Sheet
July 25, 2005


Similar Part No. - ISL6612

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612 Datasheet
363Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 25, 2005
ISL6612A INTERSIL-ISL6612A Datasheet
266Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
More results

Similar Description - ISL6612

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
February 26, 2007
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
February 26, 2007
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 31, 2006
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
March 30, 2006
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
logo
Renesas Technology Corp
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com