Electronic Components Datasheet Search
  English  ▼

X  

ISL55211 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL55211
Description  Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55211 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL55211 Datasheet HTML 1Page - Renesas Technology Corp ISL55211 Datasheet HTML 2Page - Renesas Technology Corp ISL55211 Datasheet HTML 3Page - Renesas Technology Corp ISL55211 Datasheet HTML 4Page - Renesas Technology Corp ISL55211 Datasheet HTML 5Page - Renesas Technology Corp ISL55211 Datasheet HTML 6Page - Renesas Technology Corp ISL55211 Datasheet HTML 7Page - Renesas Technology Corp ISL55211 Datasheet HTML 8Page - Renesas Technology Corp ISL55211 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL55211
FN7868 Rev 0.00
Page 2 of 20
June 21, 2011
Pin Configuration
ISL55211
(3x3 16 LD TQFN)
TOP VIEW
GND
NC
NC
GND
GND
VCM
VS+
VO-
VO+
VS+
1
2
3
4
56
78
9
10
11
12
13
14
15
16
+
-
VCM
VIN1+
VIN2+
GND
GND
500
Pd
VIN2-
VIN1-
0.2pF
0.2pF
750
750
500
140
348
348
140
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1VIN2-
Balanced Differential Input for Av = 6dB, strapped to VIN1- for Av = 14dB
2VIN1-
Balanced Differential Input for Av = 12dB, strapped to VIN2- for Av = 14dB
3VIN1+
Balanced Differential Input for Av = 12dB, strapped to VIN2+ for Av = 14dB
4VIN2+
Balanced Differential Input for Av = 6dB, strapped to VIN1+ for Av = 14dB
5, 8, 13, 16
GND
Supply Ground (thermal pad electrically connected)
6, 15
VS+
Positive Power Supply (3.0V~4.2V)
7
Pd
Power-down: Pd = logic low. Puts part into low power mode; Pd = logic high or open for normal operation
9VO-
Inverting Amplifier Output
10, 11
NC
No Internal Connection
12
VO+
Non-Inverting Amplifier Output
14
VCM
Common-mode Voltage Input
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL55211IRTZ
5211
-40 to +85
16 Ld 3x3 TQFN
L16.3x3D
ISL55211IRTZ-EVAL1Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL55211. For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com