Electronic Components Datasheet Search
  English  ▼

X  

AD8314 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8314
Description  RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices AD8314 Datasheet HTML 14Page - Analog Devices AD8314 Datasheet HTML 15Page - Analog Devices AD8314 Datasheet HTML 16Page - Analog Devices AD8314 Datasheet HTML 17Page - Analog Devices AD8314 Datasheet HTML 18Page - Analog Devices AD8314 Datasheet HTML 19Page - Analog Devices AD8314 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8314
Data Sheet
Rev. C | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 48. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
SEATING
PLANE
0.30
0.23
0.18
0.203 REF
0.80
0.75
0.70
1.89
1.74
1.59
0.50 BSC
0.20 MIN
0.60
0.45
0.30
0.55
0.40
0.30
BOTTOM VIEW
4
1
5
8
3.25
3.00
2.75
2.25
2.00
1.75
TOP VIEW
0.05 MAX
0.02 NOM
EXPOSED PAD
PIN 1 INDEX
AREA
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 49. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking
Code2
Ordering
Quantity
AD8314ARM
−40°C to +85°C
8-Lead MSOP, Tube
RM-8
J5A
50
AD8314ARM-REEL7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
J5A
1,000
AD8314ARMZ
−40°C to +85°C
8-Lead MSOP, Tube
RM-8
J5A#
50
AD8314ARMZ-REEL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
J5A#
3,000
AD8314ARMZ-REEL7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
J5A#
1,000
AD8314-EVAL
MSOP Evaluation Board
AD8314ACPZ-RL7
−40°C to +85°C
8-Lead LFCSP, 7" Tape and Reel
CP-8-23
0F
3,000
AD8314ACP-EVAL
LFCSP Evaluation Board
AD8314ACP-EVALZ
LFCSP Evaluation Board
1
Z = RoHS Compliant Part.
2
# denotes RoHS compliant product; may be top or bottom marked.
©2002–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01086-0-1/18(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com