Electronic Components Datasheet Search
  English  ▼

X  

AD8315 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8315
Description  50 dB GSM PA Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8315 Datasheet HTML 14Page - Analog Devices AD8315 Datasheet HTML 15Page - Analog Devices AD8315 Datasheet HTML 16Page - Analog Devices AD8315 Datasheet HTML 17Page - Analog Devices AD8315 Datasheet HTML 18Page - Analog Devices AD8315 Datasheet HTML 19Page - Analog Devices AD8315 Datasheet HTML 20Page - Analog Devices AD8315 Datasheet HTML 21Page - Analog Devices AD8315 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AD8315
Data Sheet
Rev. D | Page 20 of 22
Table 5. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins.
Not Applicable
SW1
Device Enable. When in Position A, the ENBL pin is connected to VPOS and the AD8315 is
in operating mode. In Position B, the ENBL pin is grounded putting the device in power-down mode.
SW1 = A
R1, R2
Input Interface. The 52.3 Ω resistor in Position R2 combines with the AD8315 internal input
impedance to give a broadband input impedance of around 50 Ω. A reactive match can be
implemented by replacing R2 with an inductor and R1 (0 Ω) with a capacitor. Note that the
AD8315 RF input is internally ac-coupled.
R2 = 52.3 Ω (Size 0603)
R1 = 0 Ω (Size 0402)
R3, R4, C2
Output Interface. R4 and C2 can be used to check the response of VAPC to capacitive and resistive
loading. R3/R4 can be used to reduce the slope of VAPC.
R4 = C2 = Open (Size 0603)
R3 = 0 Ω (Size 0603)
C1
Power Supply Decoupling. The nominal supply decoupling consists of a 0.1 μF capacitor.
C1 = 0.1 μF (Size 0603)
C4
Filter Capacitor. The response time of VAPC can be modified by placing a capacitor between
FLTR (Pin 4) and ground.
C4 = Open (Size 0603)
LK1, LK2
Measurement Mode. A quasimeasurement mode can be implemented by installing LK1 and LK2
(connecting an inverted VAPC to VSET) to yield the nominal relationship between RFIN and VSET.
In this mode, a large capacitor (0.01 μF or greater) must be installed in C4.
LK1, LK2 = Installed
Figure 45. Layout of Component Side (MSOP)
EVALUATION BOARD REV A
PWUP GND
TP2
AD8315
VAPC
J2
VPOS
TP1
R3
C1
R2
R1
C4
Z1
R8
LK2
PWDN
A
B
SW1
RFIN
J1
J3
C3
R6
A1
LK1
VSET
08 - 006794 REV A
COMPONENT SIDE
Figure 46. Silkscreen of Component Side (MSOP)
For operation in controller mode, both jumpers, LK1 and LK2,
must be removed. The setpoint voltage is applied to VSET,
RFIN is connected to the RF source (PA output or directional
coupler), and VAPC is connected to the gain control pin of the
PA. When used in controller mode, a capacitor must be installed in
C4 for loop stability. For GSM/DCS handset power amplifiers,
this capacitor must typically range from 150 pF to 300 pF.
A quasimeasurement mode (where the AD8315 delivers an
output voltage that is proportional to the log of the input signal)
can be implemented, to establish the relationship between VSET
and RFIN, by installing the two jumpers, LK1 and LK2. This
mimics an AGC loop. To establish the transfer function of the
log amp, the RF input must be swept while the voltage on VSET
is measured, that is, the SMA connector labeled VSET now acts
as an output. This is the simplest method to validate operation
of the evaluation board. When operated in this mode, a large
capacitor (0.01 μF or greater) must be installed in C4 (filter
capacitor) to ensure loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com