Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5513
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 17Page - Analog Devices ADL5513 Datasheet HTML 18Page - Analog Devices ADL5513 Datasheet HTML 19Page - Analog Devices ADL5513 Datasheet HTML 20Page - Analog Devices ADL5513 Datasheet HTML 21Page - Analog Devices ADL5513 Datasheet HTML 22Page - Analog Devices ADL5513 Datasheet HTML 23Page - Analog Devices ADL5513 Datasheet HTML 24Page - Analog Devices ADL5513 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
ADL5513
Data Sheet
Rev. A | Page 24 of 25
Table 5. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2, R1
Input interface.
The 52.3 Ω resistor in Position R1 combines with the internal input impedance of
the ADL5513 to give a broadband input impedance of about 50 Ω. C1 and C2 are
dc-blocking capacitors. A reactive impedance match can be implemented by
replacing R1 with an inductor and C1 and C2 with appropriately valued capacitors.
R1 = 52.3 Ω (Size 0402)
C1 = 47 nF (Size 0402)
C2 = 47 nF (Size 0402)
C3, C4, C5, C6,
R11, R12
Power supply decoupling.
The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the ADL5513 and a 0.1 µF capacitor placed nearer to the power
supply input pin. If additional isolation from the power supply is required, a small
resistance (R11 or R12) can be installed between the power supply and the
ADL5513.
C3 = 0.1 µF (Size 0402)
C4 = 100 pF (Size 0402)
C5 = 100 pF (Size 0402)
C6 = 0.1 µF (Size 0402)
R11 = 0 Ω (Size 0402)
R12 = 0 Ω (Size 0402)
C7
Filter capacitor.
The low-pass corner frequency of the circuit that drives the VOUT pin can be
lowered by placing a capacitor between CLPF and ground. Increasing this
capacitor increases the overall rise/fall time of the ADL5513 for pulsed input
signals.
C7 = 1000 pF (Size 0402)
R2, R3 R4, R5, R10, RL, CL
Output interface—measurement mode.
In measurement mode, a portion of the output voltage is fed back to the VSET pin via
R4. The magnitude of the slope of the VOUT output voltage response can be
increased by reducing the portion of VOUT that is fed back to VSET. R3 can be used
as a back-terminating resistor or as part of a single-pole, low-pass filter. If a
reduction in slope is desired, a voltage divider can be installed at the output using
R3 and RL.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = 0 Ω (Size 0402)
R5 = open (Size 0402)
R10 = open (Size 0402)
RL = CL = open (Size 0402)
Output interface—controller mode.
In controller mode, the ADL5513 can control the gain of an external component.
To allow for this, remove the R4 resistor. A setpoint voltage is applied to Pin VSET.
The value of this setpoint voltage corresponds to the desired RF input signal level
applied to the ADL5513 RF input. A sample of the RF output signal from this variable
gain component is applied to the ADL5513 input by a directional coupler. The
voltage at the VOUT pin is applied to the gain control of the variable gain element.
The magnitude of the control voltage can optionally be reduced via a voltage
divider comprising R3 and RL, or a low-pass filter can be installed using R3 and CL.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = open (Size 0402)
R5 = open (Size 0402)
R10 = 0 Ω (Size 0402)
RL = CL = open (Size 0402)
R6, R7, R8, R9
Temperature compensation interface.
A voltage source can be used to optimize the temperature performance for various
input frequencies. The pads for R8 and R9 can be used for a voltage divider from
the VPOS node to set the TADJ voltage at different frequencies. The ADL5513 can be
disabled by applying a voltage of VPOS − 0.3 V to this node.
R6 = open (Size 0402)
R7 = 0 Ω (Size 0402)
R8 = open (Size 0402)
R9 = open Ω (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com