Electronic Components Datasheet Search
  English  ▼

X  

K1-SIM Datasheet(PDF) 1 Page - Mini-Circuits

Part # K1-SIM
Description  FREQUENCY MIXERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K1-SIM Datasheet(HTML) 1 Page - Mini-Circuits

  K1-SIM Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY MIXERS
Designer's Kit
K1-SIM+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
9995
Model
LO
Frequency
Conversion Loss
RF In
IP3
LO-RF
LO-IF
Level
(MHz)
(dB)
at 1dB
(dBm)
Isolation
Isolation
(dBm)
Compr.
(dB)
(dB)
(dBm)
LO/RF
IF
Typ.
σ
Max.
Typ.
Typ.
Typ.
Typ.
SIM-73L+
4.0
2400-7000
DC-3000
6.3
0.20
8.5
1.0
12
32
26
SIM-14+
7.0
3700-10000
DC-4000
6.3
0.20
9.5
1.0
13
36
16
SIM-43+
7.0
750-4200
DC-1500
6.3
0.20
8.6
1.0
12
37
24
SIM-83+
7.0
2300-8000
DC-3000
6.0
0.20
8.9
1.0
15
32
28
SIM-153+
7.0
3400-15000
DC-4000
8.0
0.40
13.2
1.0
10
36
30
SIM-63LH+
10.0
750-6000
DC-1500
6.6
0.20
9.3
3.0
12
32
22
SIM-83LH+
10.0
1700-8000
DC-3000
6.0
0.20
8.4
3.0
18
31
28
SIM-153LH+
10.0
3200-15000
DC-4000
7.5
0.30
12.4
3.0
18
36
20
Protected under U.S. Patent 7,027,795
$
Kit K1-SIM+ Electrical specifications of each model
ea. kit (8 models, 5of each,40 total)
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
o S
COMPLIANT
All models are
RoHS compliant
750 to 15000MHz
SIM+ Features
•
Useable as up and down converter
•
Wide bandwidth, 750 to 15000MHz
•
Low conversion loss
•
High L-R isolation
•
Wide IF bandwidth, up to 4GHz
•
Rugged LTCC construction
•
Low profile, 0.08", low cost
REV. OR
M108634
K1-SIM+


Similar Part No. - K1-SIM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K1-SBTC MINI-K1-SBTC Datasheet
307Kb / 1P
POWER SPLITTER/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
Power Splitters & Combiners
REV. OR
K1-SCG+ MINI-K1-SCG+ Datasheet
566Kb / 1P
Power Splitters & Combiners
REV. OR
More results

Similar Description - K1-SIM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com