Electronic Components Datasheet Search
  English  ▼

X  

6058153 Datasheet(PDF) 2 Page - SICK AG

Part # 6058153
Description  CAPACITIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6058153 Datasheet(HTML) 2 Page - SICK AG

  6058153 Datasheet HTML 1Page - SICK AG 6058153 Datasheet HTML 2Page - SICK AG 6058153 Datasheet HTML 3Page - SICK AG 6058153 Datasheet HTML 4Page - SICK AG 6058153 Datasheet HTML 5Page - SICK AG 6058153 Datasheet HTML 6Page - SICK AG 6058153 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CM30-16BPP-EC1 | CM
CAPACITIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
CM30-16BPP-EC1
6058153
Other models and accessories
www.sick.com/CM
Detailed technical data
Features
Housing
Cylindrical thread design
Thread size
M30
1.5
Diameter
Ø 30 mm
Sensing range Sn
3 mm ... 16 mm
Safe sensing range Sa
12.24 mm 1)
Installation type
Flush
Switching frequency
50 Hz
Connection type
Male connector M12, 4-pin
Switching output
PNP
Output function
Complementary
Output characteristic
Wire configurable
Electrical wiring
DC 4-wire
Adjustment
Potentiometer (Sensitivity)
Enclosure rating
IP68, IP69K 2)
Authorizations
Ecolab, CE-conformity, cULus 3)
1) For flush mounting in electrically conductive materials Sa = 0.8 x Sr at temperatures <0 °C and >60 °C.
2) 1 m water depth / 60 min.
3) P3-topax 19, P3-topax 56, P3-topax 66, P3-topactive DES.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2017-12-15 16:27:40
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com