Electronic Components Datasheet Search
  English  ▼

X  

MAX14882 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14882
Description  5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14882 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14882 Datasheet HTML 1Page - Maxim Integrated Products MAX14882 Datasheet HTML 2Page - Maxim Integrated Products MAX14882 Datasheet HTML 3Page - Maxim Integrated Products MAX14882 Datasheet HTML 4Page - Maxim Integrated Products MAX14882 Datasheet HTML 5Page - Maxim Integrated Products MAX14882 Datasheet HTML 6Page - Maxim Integrated Products MAX14882 Datasheet HTML 7Page - Maxim Integrated Products MAX14882 Datasheet HTML 8Page - Maxim Integrated Products MAX14882 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(VDDA = 3.0V to 5.5V, VDDB = 4.5V to 5.5V, POL =GNDA, I.C. = GNDB, TA = -40°C to +125°C. Typical values are at VDDA = 3.3V,
VDDB = 5V, GNDA = GNDB, and TA = +25°C, unless otherwise noted. (Notes 1, 2) )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CANH Recessive Output
Voltage
VCAN_HR
TXD = VDDA, no load
2
3
V
CANL Recessive Output
Voltage
VCAN_RL
TXD = VDDA, no load
2
3
V
Recessive Output Voltage,
Differential
TXD = VDDA
RL = 60Ω
-12
+12
mV
RL = Open
-50
+50
High-Side Short-Circuit
Current
ISHORT_H
TXD = GNDA
POL = GNDA,
CANH = GNDB
50
75
100
mA
POL = VDDA,
CANL = GNDB
50
75
100
Low-Side Short-Circuit
Current
ISHORT_L
TXD = GNDA
POL = GNDA,
CANL = VDDB
50
75
100
mA
POL = VDDA,
CANH = VDDB
50
75
100
RECEIVER
Common Mode Input Range
CANH or CANL to GNDB, RXD output valid
-25
+25
V
Differential Input Voltage
(Recessive)
VID_R
|VCANH - VCANL|, TXD = VDDA
0.5
V
Differential Input Voltage
(Dominant)
VID_D
|VCANH - VCANL|, TXD = VDDA
0.9
V
Differential Input Hysteresis
125
mV
Common-Mode Input
Resistance
RIN
TXD = VDDA, RIN = ΔV/ΔI, ΔV = +300mV
10
50
kΩ
Differential Input Resistance
RDIFF_IN
TXD = VDDA, RIN = ΔV/ΔI, ΔV = +300mV
20
100
kΩ
Input Leakage Current
VDDB = GNDB, VCANH = VCANL = 5V
310
μA
Input Capacitance
CANH or CANL to GNDB, TA = +25ºC (Note 4)
14.4
20
pF
Differential Input
Capacitance
CANH to CANL, TA = +25°C (Note 4)
7.2
10
pF
LOGIC INTERFACE (RXD, TXD, POL)
Input High Voltage
VIH
POL, TXD to GNDA
0.7 x
VDDA
V
Input Low Voltage
VIL
POL, TXD to GNDA
0.8
V
Input Hysteresis
VHYS
220
mV
Output High Voltage
VOH
RXD, IOUT = -4mA
VDDA -
0.4
V
Output Low Voltage
VOL
RXD, IOUT = 4mA
0.4
V
Input Pullup Current
IPU
TXD
-10
-4.5
-1.5
μA
Input Pulldown Current
IPD
POL
1.5
4.5
10
μA
Input Capacitance
CIN
2
pF
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX14882
5kVRMS Isolated CAN Transceiver
with Integrated Transformer Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com