Electronic Components Datasheet Search
  English  ▼

X  

MAX32550 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX32550
Description  DeepCover Secure Cortex-M3 Flash Microcontroller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32550 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX32550 Datasheet HTML 1Page - Maxim Integrated Products MAX32550 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Additional Documentation
Designers must have the following documents to fully
use all the features of this device. This data sheet
contains pin descriptions, feature overviews, and
electrical
specifi-cations.
Errata
sheets
contain
deviations from published specifications. User guides
contain detailed descriptions of device features and
peripherals from a programming perspective.
● This MAX32550 data sheet, which contains electrical/
timing specifications, package information, and pin
descriptions.
● The MAX32550 revision-specific errata sheet.
● The MAX32550 User Guide, which contains detailed
information and programming guidelines for core fea-
tures and peripherals.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
121 CTBGA
X12188+2C
21-0680
90-0451
MAX32550
DeepCover Secure Cortex-M3
Flash Microcontroller
Development and Technical Support
Visit
https://support.maximintegrated.com/micro for
technical support.
Package Information
For the latest package outline information and land
patterns (footprints), go to
www.maximintegrated.com/
packages. Note that a “+”, “#”, or “-” in the package code
indicates RoHS status only. Package drawings may show a
different suffix character, but the drawing pertains to the
package regardless of RoHS status.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
PIN-PACKAGE
ICE
MAX32550-LNS+
121 CTBGA
(8mm x 8mm, 0.65mm pitch)
No
MAX32550-LNJ+
121 CTBGA
(8mm x 8mm, 0.65mm pitch)
Yes
MAX32550-LBS+
121 CTBGA
(8mm x 8mm, 0.65mm pitch)
No
MAX32550-LBJ+
121 CTBGA
(8mm x 8mm, 0.65mm pitch)
Yes
MAX32550-LCS+
121 CTBGA
(8mm x 8mm, 0.65mm pitch)
No
MAX32550-LCJ+
121 CTBGA
(8mm x 8mm, 0.65mm pitch)
Yes
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2017 Maxim Integrated Products, Inc. │ 22
ABRIDGED DATA SHEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com