Electronic Components Datasheet Search
  English  ▼

X  

MAX32660 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32660
Description  Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32660 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32660 Datasheet HTML 1Page - Maxim Integrated Products MAX32660 Datasheet HTML 2Page - Maxim Integrated Products MAX32660 Datasheet HTML 3Page - Maxim Integrated Products MAX32660 Datasheet HTML 4Page - Maxim Integrated Products MAX32660 Datasheet HTML 5Page - Maxim Integrated Products MAX32660 Datasheet HTML 6Page - Maxim Integrated Products MAX32660 Datasheet HTML 7Page - Maxim Integrated Products MAX32660 Datasheet HTML 8Page - Maxim Integrated Products MAX32660 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
(Limits are 100% tested at TA = +25°C and TA = +105°C. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to the minimum operating temperature are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES / BOTH SINGLE SUPPLY OPERATION AND DUAL SUPPLY OPERATION
Supply Voltage
VDD
1.71
1.8
3.63
V
Supply Voltage, Core
VCORE
Dual-supply
operation
OVR = [00]
0.81
0.9
0.99
V
OVR = [01]
0.9
1.0
1.1
OVR = [10]
0.99
1.1
1.21
Single-supply operation
Not used
Power-Fail Reset Voltage
VRST
Monitors VDD
1.63
1.71
V
Monitors VCORE during dual-supply
operation
0.80
0.845
Power-On Reset Voltage
VPOR
Monitors VDD
1.4
V
Monitors VCORE during dual supply
operation
0.65
Sleep Mode Resume Time
tSLP_ON
0.57
μs
Deep Sleep Mode Resume
Time
tDSL_ON
1
ms
Backup Mode Resume Time
tBKU_ON
1
ms
POWER SUPPLIES / SINGLE SUPPLY OPERATION (VDD ONLY)
VDD Dynamic Current,
Active Mode
IDD_DACT
96MHz oscillator
enabled, total
current into VDD
pin, CPU in Active
mode, inputs tied
to VSS or VDD,
outputs source/sink
0mA
Internal regulator set
to 1.1V, maximum
fSYS_CLK = 96MHz
85
μA/MHz
Internal regulator set
to 1.0V, maximum
fSYS_CLK = 48MHz
74
Internal regulator set
to 0.9V, maximum
fSYS_CLK = 24MHz
50
VDD Fixed Current,
Active Mode
IDD_FACT
96MHz oscillator
enabled, total
current into VDD
pin, CPU in Ac-
tive mode 0MHz
execution, inputs
tied to VSS or VDD,
outputs source/sink
0mA
Internal regulator set
to 1.1V; maximum
fSYS_CLK = 96MHz
488
μA
Internal regulator set
to 1.0V; maximum
fSYS_CLK = 48MHz
394
Internal regulator set
to 0.9V; maximum
fSYS_CLK = 24MHz
324
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX32660
Ultra-Low Power Arm Cortex-M4
with FPU-Based Microcontroller
for Wearable and IoT Sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com