Electronic Components Datasheet Search
  English  ▼

X  

ISL59482 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL59482
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59482 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL59482 Datasheet HTML 7Page - Renesas Technology Corp ISL59482 Datasheet HTML 8Page - Renesas Technology Corp ISL59482 Datasheet HTML 9Page - Renesas Technology Corp ISL59482 Datasheet HTML 10Page - Renesas Technology Corp ISL59482 Datasheet HTML 11Page - Renesas Technology Corp ISL59482 Datasheet HTML 12Page - Renesas Technology Corp ISL59482 Datasheet HTML 13Page - Renesas Technology Corp ISL59482 Datasheet HTML 14Page - Renesas Technology Corp ISL59482 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL59482
FN6209 Rev 4.00
Page 13 of 15
Aug 8, 2014
4:1 RGB Differential Video MUX
Connecting the channel select pins in parallel (S0-1 to S0-2 and
S1-1 to S1-2) converts the 8 individual RGB video inputs into 4
differential RGB input pairs. The amplifier RGB outputs are
similarly paired resulting in a fully differential 4:1 RGB MUX amp
shown in Figure 30. Connecting HIZ1 and HIZ2 to +5V disables the
4:1 differential MUX, and enables the connection of additional
differential connected MUX amplifiers to the same outputs, thus
allowing input expansion to 8:1 or more.
FIGURE 29. APPLICATION CIRCUIT FOR 8:1 RGB VIDEO MUX
S2
S1
S0
OUTA, B, C
0
0
0
CH0A, B, C
0
0
1
CH1A, B, C
0
1
0
CH2A, B, C
0
1
1
CH3A, B, C
1
0
0
CH4A, B, C
1
0
1
CH5A, B, C
1
1
0
CH6A, B, C
1
1
1
CH7A, B, C
+2
+2
ISL59482
1/3 MUX-Amp1
1/3 MUX-Amp2
OUTA1
IN0A1
OUTA2
IN1A2
IN1A1
IN2A1
IN3A1
IN0A2
IN2A2
IN3A2
S0-1
S1-1
HIZ1
S0-2
S1-2
HIZ2
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
S0
S1
S2
CH0A - CH7A
CHANNEL SELECT
CHANNELS B and C
NOT SHOWN
LOGIC INPUTS
CHANNEL SELECT TRUTH TABLE
8:1 VIDEO MUX
CONTROL
LOGIC
CONTROL
LOGIC
OUTA
FIGURE 30. APPLICATION CIRCUIT FOR 4:1 RGB DIFFERENTIAL VIDEO MUX
S1
S0
OUTA, B, C
00
CH0A, B, C
01
CH1A, B, C
10
CH2A, B, C
11
CH3A, B, C
+2
+2
ISL59482
1/3 MUX-Amp1
1/3 MUX-Amp2
OUTA
OUTA1
IN0A1
OUTA2
IN1A2
IN1A1
IN2A1
IN3A1
IN0A2
IN2A2
IN3A2
S0-1
S1-1
HIZ1
S0-2
S1-2
HIZ2
CH0A - CH3A
Channel Select
Channels B & C
Not Shown
Logic Inputs
+
-
S0
S1
HIZ
CH0
CH1
CH2
CH3
+
-
+
-
+
-
+
-
CHANNEL SELECT TRUTH TABLE
4:1 DIFFERENTIAL VIDEO MUX
Control
Logic
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com