Electronic Components Datasheet Search
  English  ▼

X  

HMC601LP4E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC601LP4E
Description  FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC601LP4E Datasheet(HTML) 5 Page - Analog Devices

  HMC601LP4E Datasheet HTML 1Page - Analog Devices HMC601LP4E Datasheet HTML 2Page - Analog Devices HMC601LP4E Datasheet HTML 3Page - Analog Devices HMC601LP4E Datasheet HTML 4Page - Analog Devices HMC601LP4E Datasheet HTML 5Page - Analog Devices HMC601LP4E Datasheet HTML 6Page - Analog Devices HMC601LP4E Datasheet HTML 7Page - Analog Devices HMC601LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 14
Absolute Maximum Ratings
Vcc1, Vcc2
0V to +5.5V
PWD
0V to +5.5V
VSET Input Voltage
0V to +5.5V
LOGOUT Output Current
3 mA
RF Input Power
+12 dBm
Junction Temperature
125 °C
Continuous Pdiss (T = 85°C)
(Derate 7.95 mW/°C above 85°C)
0.32 Watts
Thermal Resistance (R
th)
(junction to lead)
126 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
[1] Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C
[2] This data is relative to the room temperature
performance of the HMC601LP4
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN.
LOGOUT Voltage
vs. Input Power & Frequency, TA = +25C
0.4
0.9
1.4
1.9
2.4
-70
-60
-50
-40
-30
-20
-10
0
10
50 MHz
900 MHz
1900 MHz
3500 MHz
4000 MHz
INPUT POWER (dBm)
Input Return Loss vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
01
23
45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com