Electronic Components Datasheet Search
  English  ▼

X  

D2A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2A
Description  Ultra Subminiature Detection Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2A Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2A Datasheet HTML 1Page - Omron Electronics LLC D2A Datasheet HTML 2Page - Omron Electronics LLC D2A Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
D2A
Ultra Subminiature Detection Switch
D
2
A
Mounting Holes (unit: mm)
Dimensions (unit: mm) and Operating Characteristics
Note1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note2. The operating characteristics are for operation in the A direction (
).
Precautions
★Please refer to "Common Precautions" for correct use.
●Soldering
For soldering time, we recommend to solder within 3 seconds at
a soldering iron temperature of less than 350°C. When soldering
exceeds this temperature and time, or repeated soldering will
degrade the Switch characteristics.
Make sure that flux and liquid
surface of the solder do not flow
over the edge of the board when
soldering. Please complete
soldering at a temperature of
260°C within 5 seconds.
It is also recommended that you apply flux guard to the mounting
surface of the Switch.
●Mounting
Use M2 mounting screw with plane washers or spring washers to
mount the Switch. Tighten the screws to a torque of 4.9 to
9.8×10-2N • m {0.5 to 1kgf • cm}.
●Application of Operation Force to the Actuator
Do not apply operation forces other than in the operating
direction of the lever as shown in the following figure.
It may damage the Switch or
cause malfunction.
●Mounting Plate
Use materials other than ABS or polycarbonate for the mounting
plate. Since grease is used for the Switch, cracks may occur if
grease from the Switch comes in contact with such materials.
●Using Micro Loads
It is recommended to use the Switch in the operation range
shown below. However, even when using micro load models
within the following operating range, if inrush current occurs
when the contact is opened or closed, it may increase the
contact wear and so decrease durability. Therefore, insert a
contact protection circuit where necessary. The minimum
applicable load is the N-level reference value. This value
indicates the malfunction reference level for the reliability level of
60% (
λ60). (JIS C5003)
The equation,
λ60=0.5×10-6/operation, indicates that the
estimated malfunction rate is less than
operations with
a reliability level of 60%.
M2 Tap
1.6 dia. holes
5.5±0.1
3.8±0.1
6
4.5
3.5
1.4
5.6
4.2
1.6
FP
OP
6.5
5.5±0.15
2+0.12 dia. holes
0
4
1
3.8±0.15
1.5 0
dia.
-0.12
8
4
2.54 2.54
0.8
0.9
0.3
A
8
2.54
3-1 dia. holes
2.54
4.2
3
1
2
3
1
2
NC
NO
FP
OP1
Non-shorting Model
OP2
TTP
NC
NO
FP
OP1
Shorting Model
Switching timing
OP2
TTP
D2A-1110, D2A-1120
D2A-2110, D2A-2120
Models Non- Shorting Model
Shorting Model
Operating
characteristics
Model D2A
-1110
D2A
-1120
D2A
-2110
D2A
-2120
Operating Force
OF
Max
Releasing Force
RF
Min.
0.98 N
{100 gf}
0.15 N
{15 gf}
0.49 N
{50 gf}
0.05 N
{5 gf}
0.98 N
{100 gf}
0.15 N
{15 gf}
0.49 N
{50 gf}
0.05 N
{5 gf}
Free Position
FP
Max.
Operating Position
OP1
OP2
Total Travel Position TTP
9.5 mm
8.1
±0.3 mm
7.4
±0.3 mm
6.5
±0.2 mm
9.5 mm
8.0
±0.3 mm
7.5
±0.3 mm
6.5
±0.2 mm
<PCB Mounting
Dimensions (Reference)>
Cautions
Correct Use
Switch mounti
surface
1
2,000,000
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Operating range
0.16 mA
100 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com