Electronic Components Datasheet Search
  English  ▼

X  

D2LS-11 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2LS-11
Description  Ultra Subminiature Basic Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2LS-11 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2LS-11 Datasheet HTML 1Page - Omron Electronics LLC D2LS-11 Datasheet HTML 2Page - Omron Electronics LLC D2LS-11 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
D2LS
Ultra Subminiature Basic Switch
Precautions
Refer to General Information.
Use the Switch within the rated voltage and current ranges, oth-
erwise the Switch may have a shortened durability, radiate heat,
or burn out. This particularly applies to the instantaneous volt-
ages and currents when switching.
● Soldering
· General Precautions
Before soldering the Switch on a multilayer PCB, test to con-
firm that soldering can be performed properly. Otherwise the
Switch may be deformed by the soldering heat on the pattern
or lands of the multilayer PCB.
Do not solder the Switch more than twice, including rectifica-
tion soldering. An interval of five minutes is required between
the first and the second soldering.
· Reflow Soldering (Surface Mounting)
Solder the terminals within the heating curve shown in the fol-
lowing diagram.
The peak temperature may vary depending on the reflow bath
used. Confirm the conditions beforehand.
· Manual Soldering
Soldering temperature: 350°C max. at the tip of the soldering
iron
Soldering time: 3 s max.
● Washing
The Switch is not sealed, and cannot be washed. Doing so will
cause the washing agent, together with flux or dust particles
on the PCB, to enter the Switch, resulting in malfunction.
● Application Environment
Do not use the Switch in locations that are subject to toxic gas,
silicon, excessive dust, excessive dirt, high temperatures, high
humidity, sudden temperature changes, water splashes, or oil
splashes.
Otherwise, damage resulting by faulty contact of the Switch
contacts, corrosion, or other causes, or other functional faults
may occur.
Cautions
Correct Use
60 to 120 s
150˚C
190˚C
220˚C
255˚C
45 to 75 s
255˚C 3 sec max.
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
Cat. No. B122-E1-02
1014(1213)
Note: Do not use this document to operate the Unit.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com