Electronic Components Datasheet Search
  English  ▼

X  

D2S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2S
Description  Subminiature Switch with Superb Flux Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2S Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2S Datasheet HTML 1Page - Omron Electronics LLC D2S Datasheet HTML 2Page - Omron Electronics LLC D2S Datasheet HTML 3Page - Omron Electronics LLC D2S Datasheet HTML 4Page - Omron Electronics LLC D2S Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
D2S
Subminiature Basic Switch
D
2
S
Dimensions (Unit: mm) and Operating Characteristics
The following figures show models with self-clinching PCB terminals. For the solder terminals, refer to "Terminals/Appearances".
The @ is replaced with the code for the terminal that you need. See the "List of Models" for available combinations of models.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Terminals/Appearances (Unit: mm)
●Solder terminals
●Self-clinching PCB terminals
<PCB Mounting Dimensions (Reference)>
3.3±0.1
6.4±0.2
0.5
2
16.1±0.2
1.85
9.5±0.1
8.8±0.2
1.6
3.2
7.3
5.15
3-1.6 dia.holes
3.3±0.1
6.4±0.2
0.5
1.3
2
16.1±0.2
1.85
9.5±0.1
5.15
8.8±0.2
0.8
1.2
1.8±0.1
3.9
8.8±0.2
3-1.35
1.5 dia.
16.1±0.2
PCB's thickness t
1.6mm
Mounting Holes (Unit: mm)
9.5±0.1
2-2.4 dia. mounting holes or
M2.3 screw holes
7.5±0.1
1.8
5.3
2.35±0.05 dia.
2.35±0.05 dia.
7
7.7
OP
PT
3.6
3.3±0.1
3.9
6.4±0.2
0.5
1.8±0.1
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
A
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.
●Pin plunger
D2S-10@
D2S-5@
D2S-5-F@
D2S-01@
D2S-01-F@
Operating
characteristics
Model
D2S-10@
D2S-5@
D2S-01@
D2S-5-F@
D2S-01-F@
Operating Force
OF Max.
Releasing Force
RF Min.
1.47 N {150 gf}
0.25 N {25 gf}
0.49 N {50 gf}
0.04 N {4 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
0.7 mm
0.4 mm
0.1 mm
Operating Position
OP
8.4
±0.25 mm
●Hinge lever
D2S-10L@
D2S-5L@
D2S-5L-F@
D2S-01L@
D2S-01L-F@
Operating
characteristics
Model
D2S-10L@
D2S-5L@
D2S-01L@
D2S-5L-F@
D2S-01L-F@
Operating Force
OF Max.
Releasing Force
RF Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.18 N {18 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
1.0 mm
0.8 mm
Free Position
FP Max.
Operating Position
OP
13.6 mm
9.4
±0.8mm
14.5
t
0.3 *
2.35±0.05 dia.
2.35±0.05 dia.
7
7.7
OP
FP
3.6
3.3±0.1
3.9
* Stainless-steel lever
6.4±0.2
0.5
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.
A
1.8±0.1
●Simulated roller lever
D2S-10L13@
D2S-5L13@
D2S-5L13-F@
D2S-01L13@
D2S-01L13-F@
Operating
characteristics
Model D2S-10L13@
D2S-5L13@
D2S-01L13@
D2S-5L13-F@
D2S-01L13-F@
Operating Force
OF Max.
Releasing Force
RF Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.18 N {18 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
1.0 mm
0.8 mm
Free Position
FP Max.
Operating Position
OP
15.5 mm
11.4
±0.8 mm
15.8
t
0.3 *
2.35±0.05 dia.
2.35±0.05 dia.
R1.3
7
7.7
OP
FP
3.6
3.3±0.1
3.9
*Stainless-steel lever
6.4±0.2
0.5
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
A
1.8±0.1
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com