Electronic Components Datasheet Search
  English  ▼

X  

D6B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D6B
Description  Surface Mounting Tilt Sensor Fits Space-Confined Installations
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6B Datasheet(HTML) 2 Page - Omron Electronics LLC

  D6B Datasheet HTML 1Page - Omron Electronics LLC D6B Datasheet HTML 2Page - Omron Electronics LLC D6B Datasheet HTML 3Page - Omron Electronics LLC D6B Datasheet HTML 4Page - Omron Electronics LLC D6B Datasheet HTML 5Page - Omron Electronics LLC D6B Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Micro Tilt Sensor
D6B
Operation
Installation
■ Terminal Arrangement
■ Solder Conditions
Reflow (Infrared) Soldering Conditions*
Weld a thermocouple on the terminal side of the Sensor with HMP
(high melting point) solder, place the Sensor into the reflow oven and
set the reflow oven so that the peak terminal temperature will be
230°C ± 5°C. Complete soldering within 20 seconds.
The peak terminal temperature must not exceed 240°C.
Desoldering Conditions with Blower
Employed
Desolder the Sensor at a temperature of 240°C within five seconds.
If a soldering iron is applied manually, desolder the Sensor within 10
seconds at an iron tip temperature of 260°C or within three seconds
at an iron tip temperature of 350°C.
* Preheat temperature = 140°C max. for 90 ± 30 seconds.
Dimensions
Unit: mm (inch)
Horizontal state
Return
Operation
High
High
High
High
Low
Low
Direction of gravity
Return
Operation
θ
θ
Horizontal state
Back and forth tilt
Left and right tilt
Top View
Note: 1. Operation angle: Output goes from High to
Low
2. Return angle: Output goes from Low to High
3. Characteristic values are provided on condi-
tion that there is no tilt back and forth while
the operation speed is 10° per second.
Out 1
Out 2
Vdd
Vdd
GND
Bottom View
6.4 (0.25)
5.5 (0.22)
1.7
(0.07)
3-0.2
5.5
(0.22)
3.7 (0.15)
3.65
(0.14)
1.605±0.15
(0.06±0.006)
1.65±0.15
(0.06±0.006)
3.1±0.1
(0.12±0.004)
0.95
(0.037)
0.95 (0.037)
0.3 (0.012)
0.25
(0.010)
0.4
(0.016)
0.7
(0.028)
0.7 (0.028)
3.5
(0.138)
3.5
(0.138)
1
(0.039)
1.4 (0.055)
1.4 (0.055)
0.9
(0.035)
3.5±0.1
(0.14±0.004)
0.9
(0.035)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com