Electronic Components Datasheet Search
  English  ▼

X  

D2S-01LD Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2S-01LD
Description  Subminiature Switch with Superb Flux Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2S-01LD Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2S-01LD Datasheet HTML 1Page - Omron Electronics LLC D2S-01LD Datasheet HTML 2Page - Omron Electronics LLC D2S-01LD Datasheet HTML 3Page - Omron Electronics LLC D2S-01LD Datasheet HTML 4Page - Omron Electronics LLC D2S-01LD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
D2S
Subminiature Basic Switch
D
2
S
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Precautions
★ Please refer to "Basic Switches Common Precautions" for correct use.
●Soldering
When using automatic soldering baths, we recommend soldering
at 260±5°C within 5 seconds. Make sure that the liquid surface
of the solder does not flow over the edge of the board.
When soldering terminals manually, complete the soldering at
the iron tip temperature between 350 to 400°C within 3 seconds,
and do not apply any external force for 1 minute after soldering.
When applying solder, keep the solder away from the case of the
Switch and do not allow solder or flux to flow into the case.
●Mounting
Use M2.3 mounting screw with plane washers or spring washers
to securely mount the Switch. Tighten the screws to a torque of
0.23 to 0.26 N·m {2.3 to 2.7 kgf·cm}.
●Using Micro Loads
Using a model for ordinary loads to open or close the contact of
a micro load circuit may result in faulty contact. Use models that
operate in the following range. However, even when using micro
load models within the following operating range, if inrush
current occurs when the contact is opened or closed, it may
increase the contact wear and so decrease durability. Therefore,
insert a contact protection circuit where necessary. The N-level
reference value applies for the minimum applicable load. This
value indicates the malfunction reference level for the reliability
level of 60% (
λ60).
(JIS C5003)
The equation,
λ60=0.5×10-6/operations indicates that the
estimated malfunction rate is less than
operations with
a reliability level of 60%.
●Hinge roller lever
D2S-10L2@
D2S-5L2@
D2S-5L2-F@
D2S-01L2@
D2S-01L2-F@
Operating
characteristics
Model
D2S-10L2@
D2S-5L2@
D2S-01L2@
D2S-5L2-F@
D2S-01L2-F@
Operating Force
OF Max.
Releasing Force
RF Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.18 N {18 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
1.0 mm
0.8 mm
Free Position
FP Max.
Operating Position
OP
19.3 mm
15.1
±0.8 mm
14.5
t=0.3 *1
2.35±0.05 dia.
2.35±0.05 dia.
7
7.7
OP
FP
4.8x3.2 *2 dia.
3.3±0.1
3.9
*1. Stainless-steel lever
*2. Polyacetal resin roller
6.4±0.2
0.5
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.
A
1.8±0.1
Cautions
Correct Use
1
2,000,000
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Normal load
type
Operating
range
D2S-5
D2S-10
Micro load type
Operating range
D2S-01
26 mA
0.16 mA
100 mA 160 mA
100 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com