Electronic Components Datasheet Search
  English  ▼

X  

SS32 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SS32
Description  3.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SS32 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SS32 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SS32 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125℃
TJ=25℃
TJ=100℃
LEAD TEMPERATURE ℃
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
4.0
1.0
0
5.0
3.0
2.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
REVERSE VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
0.1
1000
100
10
1.0
4.0
10.0
100
TJ=25℃ f=1MHZ
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
120
20
0
80
100
60
40
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
1.0
0.1
10
0.1
0.3
0.9
0.5
1.1
1.7
0
0.7
1.3
1.5
20
SS35-SS36
SS33
SS34
SS38-SS310
SS32
SS32 thru SS310
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.08C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com