Electronic Components Datasheet Search
  English  ▼

X  

BC856S Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC856S
Description  PNP Silicon AF Transistor Arrays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC856S Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC856S Datasheet HTML 1Page - Infineon Technologies AG BC856S Datasheet HTML 2Page - Infineon Technologies AG BC856S Datasheet HTML 3Page - Infineon Technologies AG BC856S Datasheet HTML 4Page - Infineon Technologies AG BC856S Datasheet HTML 5Page - Infineon Technologies AG BC856S Datasheet HTML 6Page - Infineon Technologies AG BC856S Datasheet HTML 7Page - Infineon Technologies AG BC856S Datasheet HTML 8Page - Infineon Technologies AG BC856S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2011-07-25
2
BC856S/U_BC857S
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BC856S/U
BC857S
VCEO
65
45
-
Collector-base voltage
BC856S, BC856U
BC857S
VCBO
80
50
V
Emitter-base voltage
VEBO
5
Collector current
IC
100
mA
Peak collector current, tp ≤ 10 ms
ICM
200
Total power dissipation-
TS ≤ 115 °C, BC856S
TS ≤ 118 °C, BC856U, BC857U
Ptot
250
250
-
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BC856S, BC857S
BC856U
RthJS
≤ 140
≤ 130
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com