Electronic Components Datasheet Search
  English  ▼

X  

BCV62C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCV62C
Description  PNP Silicon Double Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV62C Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCV62C Datasheet HTML 1Page - Infineon Technologies AG BCV62C Datasheet HTML 2Page - Infineon Technologies AG BCV62C Datasheet HTML 3Page - Infineon Technologies AG BCV62C Datasheet HTML 4Page - Infineon Technologies AG BCV62C Datasheet HTML 5Page - Infineon Technologies AG BCV62C Datasheet HTML 6Page - Infineon Technologies AG BCV62C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2011-07-25
2
BCV62
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics of T1
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CEO
30
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
30
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
6
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
15
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
5
µA
DC current gain 1)
IC = 0.1 mA, VCE = 5 V
hFE
100
-
-
-
DC current gain 1)
IC = 2 mA, VCE = 5 V
hFE
125
220
420
180
290
520
220
475
800
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
-
-
75
250
300
650
mV
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
-
-
700
850
-
-
Base-emitter voltage 1)
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(ON)
600
-
650
-
750
820
BCV62A
BCV62B
BCV62C
1) Pulse test: t
≤ 300µs, D = 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com