Electronic Components Datasheet Search
  English  ▼

X  

LCA0411/SC4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LCA0411/SC4
Description  Carbon Film Resistors, Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCA0411/SC4 Datasheet(HTML) 3 Page - Vishay Siliconix

  LCA0411/SC4 Datasheet HTML 1Page - Vishay Siliconix LCA0411/SC4 Datasheet HTML 2Page - Vishay Siliconix LCA0411/SC4 Datasheet HTML 3Page - Vishay Siliconix LCA0411/SC4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
98
Document Number 20135
Revision 03-Sep-03
LCA.... / SK.
Vishay Draloric
For Technical Questions, contact ff1aresistors@vishay.com
10
100
1K
10K
100K
1M
10M
Carbon Film Resistors, Standard
100
1K
10K
100K
1M
10M
RESISTANCE VALUE [
Ω]
NON-LINEARITY
0204
0922/933
0617
120
110
100
90
80
70
60
3
1K
10K
100K
1M
10M
2
1
0.5
0.3
0,2
0,1
0.05
0.03
0.02
0.01
5
RESISTANCE VALUE [
Ω]
CURRENT NOISE
0204
0922/0933
0617
TEMPERATURE COEFFICIENT
(mean value) between -25... +125˚C deviation
± 25%
0309
0207
0204
0933
0922
0617/0719
0411/0414
0
-200
-400
-600
-800
-1000
-1200
STABILITY NOMOGRAM, TYPICAL VALUES (For handling see General Information)
140
120
100
80
60
40
20
0
ϑü = f [ϑs]
PARAMETER:
ϑu
20
40
60
80
100
120 140 160 180
FILM TEMPERATURE
ϑs [°C]
∆ R/R [t = 1000 h] = f [ϑs]
PARAMETER: RESISTANCE VALUE
LOAD P [W]
140
120
100
80
60
40
20
0
0.1
0.5
1
5
10
20
40
60
80
100
120
140
160 180
FILM TEMPERATURE
ϑs [°C]
0.1
0.1
1
5
10
100
30
1 0
3
1
0.3
0.1
RESISTANCE CHANGE
∆ R/R [%]
∆ R/R (t) = f [∆R/R (t = 1000h)]
PARAMETER : TIME
2.2 2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
ϑü = f [P]
PARAMETER : SIZE
t =
100,000
h
10,000
h
5000
h
2000
h
1000
h
1M
100K
100R-1K
10K
40˚C
60˚C
100˚C
120˚C
80˚C
140˚C
ϑϑϑϑϑu
=
20˚C
0933
0922
0719
0617 0414 0411 0309 0207 0204
0309/0411/0414
0207
0207
0309/0411/0414
ENDURANCE
at upper category temperature, 155˚C 1000h
RESISTANCE VALUE [
Ω]
100
1K
10K
100K
1M
10M
3
2
1
0
-1
-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com