Electronic Components Datasheet Search
  English  ▼

X  

LIA120 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LIA120
Description  Optically Isolated Linear Error Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA120 Datasheet(HTML) 2 Page - IXYS Corporation

  LIA120 Datasheet HTML 1Page - IXYS Corporation LIA120 Datasheet HTML 2Page - IXYS Corporation LIA120 Datasheet HTML 3Page - IXYS Corporation LIA120 Datasheet HTML 4Page - IXYS Corporation LIA120 Datasheet HTML 5Page - IXYS Corporation LIA120 Datasheet HTML 6Page - IXYS Corporation LIA120 Datasheet HTML 7Page - IXYS Corporation LIA120 Datasheet HTML 8Page - IXYS Corporation LIA120 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.clare.com
2
LIA120
Rev. 2.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol Min
Typ
Max Units
Input Characteristics @ 25°C
LED forward voltage
I
LED = 5 mA, VCOMP = VFB (Fig.1)
V
F
0.8
1.2
1.4
V
Reference voltage
I
LED = 10 mA, VCOMP = VFB (Fig.1)
T
A
TT = -40 to +85°C
V
REF
1.210
-
1.265
V
T
A
TT = 25°C
1.228 1.24
1.252
Deviation of V
REF over temperature - See Note 1
T
A
TT = -40 to +85°C
V
REF (DEV)
REF (DEV)
-
32
-
mV
Transfer Characteristics @ 25°C
Current Transfer Ratio in Feedback (I
REF/I
REF
REF LED)
I
LED = 5mA, VREF = 0.5V (Fig.2)
K
1
1.0
2
3.0
%
Current transfer ratio (I
KA/I
KA
KA LED)
I
LED = 5 mA, VCOMP = VFB, VKA = 5 V (Fig. 4)
K
2
1.0
2
3.0
%
Current Transfer Ratio Matching (I
KA/I
KA
KA REF)
I
LED = 5mA, VKA = 5.0V
K
3
85
100
115
%
Feedback input current
I
LED = 10 mA, R1 = 10 kΩ (Fig.2)
I
REF
-
226
-
µA
Deviation of I
REF over temperature - See Note 1
T
A
TT = -40 to +85°C
I
REF (DEV)
REF (DEV)
-
110
-
µA
Minimum drive current
V
COMP = VFB (Fig.1)
I
LED (MIN)
LED (MIN)
1
-
-
mA
Off-state error amplifier current
V
IN = 6 V, VFB = 0 (Fig.3)
I
OFF
-
0.001
0.1
µA
Error amplifier output impedance - See Note 2
I
LED = 0.1 mA to 15 mA, VCOMP = VFB, f<1 kHz (Fig.1)
IZ
OUTI
-
0.21
-
Ohm
Output Characteristics @ 25°C
Cathode dark current
V
IN = Open, VKA = 10V (Fig. 3)
I
KAO
-
0.3
100
nA
Cathode-Anode voltage breakdown
I
KA = 1µA
BV
KA
20
-
-
V
Isolation Characteristics @ 25°C
Withstand insulation voltage
RH ≤ 50%, T
A
50%, T
50%, T = 25°C, t = 1 min (Note 3)
V
ISO
3750
-
-
V
rms
Resistance (input to output)
V
I-O = 500 VDC (Note 3)
R
I-O
-
1012
-
Ω
AC Characteristics @ 25°C
Bandwidth (LED) - See Note 4
B
W
-
100
-
kHz
Common mode rejection ratio - See Note 5
I
LED = 1.0 mA, RL = 100 kΩ, f = 100 Hz (Fig. 5)
CMRR
-
70
-
dB
Linearity
I
LED = 5 mA, 100 mVPP
THD
-
70
-
dB
1. The deviation parameters V
REF(DEV) and IREF(DEV) are defined as the differences between the maximum and minimum values obtained over the rated temperature range. The average full-range temperature
coefficient of the reference input voltage, ∆V
REF, is defined as:
|∆V
REF| (ppm/°C) = {VREF (DEV)/VREF (TA
(T
(T 25°C)} X 106 / ∆T
A
TT
where ∆T
A
TT is the rated operating free-air temperature range of the device.
2. The dynamic impedance is defined as |Z
OUT| = ∆VCOMP/∆ILED, for the application circuit in Figure 6, |Zout| = K1R1
3. Device is considered as a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
4. See compensation section for calculating bandwidth of LIA120.
5. Common mode transient immunity at output high is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode impulse signal, Vcm, to assure that the output will remain high.
Common mode transient immunity at output low is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common pulse signal,Vcm, to assure that the output will remain low.
Electrical Characteristics:
Parameter
Symbol Ratings Units
Photodiode Cathode-Anode Voltage
V
KAO
20
V
Photodiode Anode-Cathode Voltage
V
AKO
VV
0.5
V
Input Voltage
V
LED
9
V
Input DC Current
I
LED
20
mA
Total Power Dissipation (note 1)
P
D
145
mW
Operating Temperature
T
-40 to +85
°C
Storage Temperature
T
-40 to +125
°C
Absolute Maximum Ratings (@ 25˚ C)
1 Derate linearly from 25°C at a rate of 2.42 mW/ °C.
, for the application circuit in Figure 6, |Zout| = K
, for the application circuit in Figure 6, |Zout| = K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com