Electronic Components Datasheet Search
  English  ▼

X  

LM641521 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LM641521
Description  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LM641521 Datasheet HTML 6Page - Sharp Corporation LM641521 Datasheet HTML 7Page - Sharp Corporation LM641521 Datasheet HTML 8Page - Sharp Corporation LM641521 Datasheet HTML 9Page - Sharp Corporation LM641521 Datasheet HTML 10Page - Sharp Corporation LM641521 Datasheet HTML 11Page - Sharp Corporation LM641521 Datasheet HTML 12Page - Sharp Corporation LM641521 Datasheet HTML 13Page - Sharp Corporation LM641521 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
No.
10
Driving
t
tic. shows the block
of the
circaitrr.
2 Display Face Configuration
The display face electrically consists of txo
and
so that the unit
offer higher contrast
reducing drive
ratio.
display
is driven
duty ratio.
3 Input Data
Control Signal
The LCD driver is
bits
LCD driver circuits.
consisting of shift registers, latch circnits and
data
are externally divided into data for each
be sequentially transferred in the
of I-bit parallel data through shift
registers
Clock
the left top of the display face.
data
oae row
have been input,
will be latched in the form
of parallel data for 640 lines of
latch
Thea the
corresponding drive signal will be
to the 640 liars of
electro-
des of the LCD
panel the LCD drive circuits.
At this tire, scan start-or
hu
been transferred
the scan
driver to the 1st row
of
electrodes, and
of the data signals are
oa the
of
ad
half of
display face according to
the combinations of voltages
to
scan and
electrodes of the LCD.
the 1st ron of data
displayed, the 2nd
of data are
640 dots of
transferred thaa latched
falling
of
clock, t&e
face proceeds to the 2nd
of display.
drtr
to the 240th row of
display
to lower
of display
Then
data
proceeds to the next
face.
Scan start-w
generates
drive horizontal electrodes.
DC voltage, if applied to LCD panel, causes chemical reaction
deteriorate LCD panel,
inverted
to
prevent the generation of such DC voltage. Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com