Electronic Components Datasheet Search
  English  ▼

X  

T980021 Datasheet(PDF) 1 Page - E-SWITCH

Part # T980021
Description  CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T980021 Datasheet(HTML) 1 Page - E-SWITCH

  T980021 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
ULV8F2BSS351
1:1
3/13/2017
T980021
A
MJR
1
1
PANEL CUT-OUT
PANEL THICKNESS 1-10mm
A
22762
NEW RELEASE
3/13/17
MJR
28.0
[1.10 in]
19.80
[.78 in]
15.70
[.62 in]
27.4
[1.08 in]
35.2
[1.39 in]
2.0
[.08 in]
.50
[.020 in]
2.75
[.11 in]
13.00
[.51 in]
5.00
[.197 in]
M25 x 1.0
THREAD
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 3A 250 VAC cUL
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. MECHANICAL LIFE: 1,000,000 CYCLES.
8. INSULATION RESISTANCE: 1,000 M
@ 500VDC MIN.
9. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
10. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
11. OPERATING TEMP.: -20 C to 55 C
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 20mA 3V
14. TRAVEL: 3.2mm
15. ACTUATION FORCE: 2.5
1.0 N
16. MOUNTING NUT TORQUE: 5-14 Nm
17. INGRESS PROTECTION: IP67
18. HARDWARE SUPPLIED: O-RING AND HEXNUT
25.20
[.992 in]
TERMINAL 3
LED 1
(+)
TERMINAL 1
TERMINAL 2
LED 2
(-)
RING ILLUMINATION
YELLOW
BUTTON
STAINLESS STEEL
HOUSING
STAINLESS STEEL
2.80
[.110 in]
10.00
[.394 in]
YELLOW (FORWARD)
YELLOW (REVERSE)
SCHEMATIC
-
+
+
-
1
(+)
3
2
ON - (ON)
SPDT ILLUMINATED
( ) DENOTES MOMENTARY FUNCTION
(-)


Similar Part No. - T980021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T980022 E-SWITCH-T980022 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980023 E-SWITCH-T980023 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980024 E-SWITCH-T980024 Datasheet
175Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980025 E-SWITCH-T980025 Datasheet
175Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980028 E-SWITCH-T980028 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY.
More results

Similar Description - T980021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T960105 E-SWITCH-T960105 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960106 E-SWITCH-T960106 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960107 E-SWITCH-T960107 Datasheet
151Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970034 E-SWITCH-T970034 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970035 E-SWITCH-T970035 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970039 E-SWITCH-T970039 Datasheet
178Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970040 E-SWITCH-T970040 Datasheet
176Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970043 E-SWITCH-T970043 Datasheet
179Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970048 E-SWITCH-T970048 Datasheet
272Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980025 E-SWITCH-T980025 Datasheet
175Kb / 1P
CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com