Electronic Components Datasheet Search
  English  ▼

X  

LT1799 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1799
Description  1kHz to 30MHz Resistor Set SOT-23 Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1799 Datasheet(HTML) 2 Page - Linear Technology

  LT1799 Datasheet HTML 1Page - Linear Technology LT1799 Datasheet HTML 2Page - Linear Technology LT1799 Datasheet HTML 3Page - Linear Technology LT1799 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LTC1799
2
Supply Voltage (V+) to GND ........................– 0.3V to 6V
DIV to GND .................................... – 0.3V to (V+ + 0.3V)
SET to GND ................................... – 0.3V to (V+ + 0.3V)
OUT to GND ................................... – 0.3V to (V+ + 0.3V)
Operating Temperature Range
LTC1799C ............................................... 0
°C to 70°C
LTC1799I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 125°C, θJA = 256°C/W
LTC1799CS5
LTC1799IS5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL=5k, CL = 5pF, Pin 4 = V+ unless otherwise noted.
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆f
Frequency Accuracy
V+ = 5V
5kHz < f < 20MHz
±0.5
±1.5
%
5kHz < f < 20MHz, LTC1799C
q
±2%
5kHz < f < 20MHz, LTC1799I
q
±2.5
%
(Notes 2, 3)
1kHz < f < 5kHz
±2.5
%
20MHz < f < 30MHz
±2.5
%
V+ = 3V
5kHz < f < 10MHz
±0.5
±1.5
%
5kHz < f < 10MHz, LTC1799C
q
±2%
5kHz < f < 10MHz, LTC1799I
q
±2.5
%
1kHz < f < 5kHz
±2.5
%
10MHz < f < 20MHz
±2.5
%
RSET
Frequency-Setting Resistor Range
∆f< 1.5%
V+ = 5V
5
200
k
Ω
V+ = 3V
10
200
k
Ω
fMAX
Maximum Frequency
∆f< 2.5%, Pin 4= 0V
V+ = 5V
30
MHz
V+ = 3V
20
MHz
fMIN
Minimum Frequency
∆f< 2.5%, Pin 4= V+
1kHz
∆f/∆T
Freq Drift Over Temp (Note 3)
RSET = 31.6k
q
±0.004
%/
°C
∆f/∆V
Freq Drift Over Supply (Note 3)
V+ = 2.7V to 5.5V, RSET = 31.6k
q
0.05
0.1
%/V
Timing Jitter
Pin 4 = V+
0.06
%
(Note 4)
Pin 4 = Floating
0.13
%
Pin 4 = 0V
0.4
%
Long-Term Stability of Output Frequency
300
ppm/
√kHr
Duty Cycle
Pin 4 = V+ or Floating (DIV Either by 100 or 10)
q
49
50
51
%
Pin 4 = 0V (DIV by 1)
q
45
50
55
%
V+
Operating Supply Range
q
2.7
5.5
V
IS
Power Supply Current
RSET = 200k, Pin 4 = V
+, RL = 0
V+ = 5V
q
0.7
1.1
mA
RSET = 10k, Pin 4 = 0V, No Load
V+ = 5V
q
2.4
mA
V+ = 3V
q
2mA
VIH
High Level DIV Input Voltage
q
V+ – 0.4
V
VIL
Low Level DIV Input Voltage
q
0.5
V
IDIV
DIV Input Current
Pin 4 = V+
q
58
µA
Pin 4 = 0V
q
–5
8
µA
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
1
2
3
V+
GND
SET
5
4
OUT
DIV
S5 PART MARKING
LTND
LTNE
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com