Electronic Components Datasheet Search
  English  ▼

X  

MSC60 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MSC60
Description  AC -DC ITE & Medical Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC60 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MSC60 Datasheet HTML 1Page - Arch Electronics Corp. MSC60 Datasheet HTML 2Page - Arch Electronics Corp. MSC60 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_6
update : 2018.06.06
AC -DC ITE & Medical Power Module
MSC60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
MSC60-5S
MSC60-9S
MSC60-12S
MSC60-15S
MSC60-24S
Max output wattage
( W )
51W
60W
Input
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
1.5 A max. (115 VAC) / 1 A max. (230 VAC)
Inrush current (<2ms,Cold Start)
55 A max. (115 VAC) / 95 A max. (230 VAC)
Leakage Current
< 0.1mA / 264 VAC (Touch Current)
External fuse (recommend)
3.15A, slow blow type
Output
Voltage (V.DC.)
5.1V
9V
12V
15V
24V
Voltage set accuracy
±2%
Current (mA) max
10,000
6666
5000
4000
2500
Maximum Capacitive Load (at 230 VAC)
10000uF
5000uF
5000uF
4000uF
2000uF
Line regulation (typ.)
0.5%
Load regulation (1-100%) (typ.)
1.5%
1%
Ripple & Noise (max)
(Note 1)
100mV (Vp-p)
1% of Vout
Efficiency (at 230 VAC)
86%
87%
88%
86%
87%
Hold-up time
10 ms min.
Protection
Over current protection
Automatic recovery
Over voltage protection
Zener diode clamp
Short circuit protection
Automatic recovery
Isolation
Input-Output (V.AC)
4000V
Environment
Operating temperature
-40°C…+80°C (with derating)
Storage temperature
-40°C…+90°C
Max Case Operating Temperature
Under 115 VAC 73°C , others 80°C
Temperature coefficient
±0.05%/°C
Altitude During Operation
5000m
Humidity
up to 95% RH
MTBF
200,000 h~400,000 h @ 25°C
Atmospheric Pressure
70 kPa to 106 kPa
Physical
Dimension (L x W x H)
3.5 x 2.5 x 1.06 Inches
( 89.0 x 63.5 x 27.0 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
260 g
Cooling method
Free air convection
KEY FEATURES
 Switching Power Modules for PCB Mounting
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC
 Regulated Output and Low Ripple and Noise
 <0.3W No Load Input Power
 Isolation Class II
 CE, CB, UL, cUL Approvals
 3-Year Product Warranty


Similar Part No. - MSC60

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MSC60 ARCH-MSC60 Datasheet
248Kb / 4P
Switching Power Modules for PCB Mounting
MSC60-12S ARCH-MSC60-12S Datasheet
150Kb / 3P
Switching Power Modules for PCB Mounting
MSC60-15S ARCH-MSC60-15S Datasheet
150Kb / 3P
Switching Power Modules for PCB Mounting
MSC60-24S ARCH-MSC60-24S Datasheet
150Kb / 3P
Switching Power Modules for PCB Mounting
MSC60-5S ARCH-MSC60-5S Datasheet
150Kb / 3P
Switching Power Modules for PCB Mounting
More results

Similar Description - MSC60

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
logo
ULTRA LEVEL TECH CO., L...
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MZC20 ARCH-MZC20_18 Datasheet
221Kb / 3P
AC -DC ITE & Medical Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com