Electronic Components Datasheet Search
  English  ▼

X  

MTC30 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MTC30
Description  AC - D C I T E & M e d i c a l P o w e r M o d u l e
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC30 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MTC30 Datasheet HTML 1Page - Arch Electronics Corp. MTC30 Datasheet HTML 2Page - Arch Electronics Corp. MTC30 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_7
update : 2018.06.06
AC -DC ITE & Medical Power Module
MTC30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
MTC30-5S
MTC30-12S
MTC30-15S
MTC30-24S
Max Output Wattage (W)
25W
30W
30W
30W
Input
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
650 mA max. (115 VAC) / 400 mA max. (230 VAC)
Inrush current (<2ms,Cold Start)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
< 0.1mA / 264 VAC (Touch Current)
No Load Input Power (<240 VAC)
<0.15W
External Fuse (recommend)
3.15 A slow blow type
Output
Voltage (V.DC.)
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
5000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Maximum Capacitive Load (at 230 VAC)
6800uF
1600uF
1200uF
470uF
Ripple & Noise (max.)
(Note 1)
100mVp-p
150mVp-p
150mVp-p
240mVp-p
Efficiency (at 230 VAC)
84%
89%
86%
86%
Hold-up Time
10 ms min.
Protection
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
4000V
Environment
Operating Temperature
-40°C…+80°C (with derating)
Storage Temperature
-40°C…+90°C
Max Case Operating Temperature
84°C
Temperature Coefficient
±0.05%/°C
Altitude During Operation
5000m
Humidity
up to 95% RH
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F)
Atmospheric Pressure
70 kPa to 106 kPa
Physical
Dimension (L x W x H)
2.52 x 1.8 x 0.93 Inches ( 64.1 x 45.6 x 23.5 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
135 g
Cooling Method
Free air convection
KEY FEATURES
 Switching Power Module for PCB Mountable
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC
 Regulated Output and Low Ripple and Noise
 <0.15W No Load Input Power
 Isolation Class II
 CE, CB, UL, cUL Approval
 3-Year Product Warranty


Similar Part No. - MTC30

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
288Kb / 4P
Switching Power Module for PCB Mountable
logo
XP Power Limited
MTC30 XPPOWER-MTC30 Datasheet
9Mb / 36P
COTS Component for Defense & Avionics Applications
logo
Arch Electronics Corp.
MTC30-12S ARCH-MTC30-12S Datasheet
189Kb / 3P
Switching Power Module for PCB Mountable
MTC30-15S ARCH-MTC30-15S Datasheet
189Kb / 3P
Switching Power Module for PCB Mountable
MTC30-24S ARCH-MTC30-24S Datasheet
189Kb / 3P
Switching Power Module for PCB Mountable
More results

Similar Description - MTC30

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
E-Tech Electronics LTD
GP103A ETL-GP103A Datasheet
187Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
D C / D C C O N V E R T E R M O D U L E
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com